Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 22 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LOG200_V01 Datasheet HTML 18Page - Texas Instruments LOG200_V01 Datasheet HTML 19Page - Texas Instruments LOG200_V01 Datasheet HTML 20Page - Texas Instruments LOG200_V01 Datasheet HTML 21Page - Texas Instruments LOG200_V01 Datasheet HTML 22Page - Texas Instruments LOG200_V01 Datasheet HTML 23Page - Texas Instruments LOG200_V01 Datasheet HTML 24Page - Texas Instruments LOG200_V01 Datasheet HTML 25Page - Texas Instruments LOG200_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
across a set of all measured immediate LCE values for a given range. The difference of the maximum and
minimum values is then halved and normalized with a division by the output voltage span of the measurement
(the difference of the maximum output voltage and minimum output voltage, typically at the two endpoints of the
data set), to express LCE as a percentage of the full-scale range:
LCE%= LCEmax−LCEmin
2× VLOGOUTmax−VLOGOUTmin ×100%
(6)
The LCE envelope can then be expressed in dB through the following relationship, where the factor of 20 is
associated with amplitude. For expression in terms of optical power, this factor is 10.
LCEdB=20log1−LCE%100%
(7)
7.1.1.2 Error Analysis Example
For an illustration of typical system error for a LOG200 implementation, consider the example use case defined
by the following conditions:
Table 7-1. Example Design Parameters
PARAMETER
SYMBOL
EXAMPLE VALUE
Maximum input current
Imax
200µA
Minimum input current
Imin
10nA
Output reference voltage
VREF
REF165 (1.65V)
Input reference current
II2
IREF (1µA)
Supply voltage
VS
10V (±5V)
Table 7-2lists the major error sources, and the typical values of each under the provided conditions. Typical
values are generally the sum of the mean value and one standard deviation. Calculations using these typical
values tend to be conservative, as the summation of uncorrelated errors tends to result in a larger compounded
total predicted error than the actual total error observed in a real system.
Table 7-2. Example Error Sources
PARAMETER
SYMBOL
TYPICAL VALUE
IREF reference current error
IREF_error
0.3%
REF165 reference error
REF165error
0.06%
Scaling factor error
Kerror
0.15%
Logarithmic conformity error
LCE
0.05%
Logarithmic amplifier output offset error
VOSO
1.3mV
These error terms are used to calculate actual values, as per the following equations:
IREF_actual=IREF× 1–IREF_error =1µA× 1–0.003 =0.997µA
(8)
VREF_actual=VREF165× 1+REF165error =1.65V× 1+0.0006 =1.65099V
(9)
Kactual=K× 1+Kerror =250mVdec× 1+0.0015 =250.375mVdec
(10)
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com