Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 19 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LOG200_V01 Datasheet HTML 15Page - Texas Instruments LOG200_V01 Datasheet HTML 16Page - Texas Instruments LOG200_V01 Datasheet HTML 17Page - Texas Instruments LOG200_V01 Datasheet HTML 18Page - Texas Instruments LOG200_V01 Datasheet HTML 19Page - Texas Instruments LOG200_V01 Datasheet HTML 20Page - Texas Instruments LOG200_V01 Datasheet HTML 21Page - Texas Instruments LOG200_V01 Datasheet HTML 22Page - Texas Instruments LOG200_V01 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The LOG200 is a wide-dynamic-range current-to-voltage amplifier specifically designed to optimize current
measurements across 160dB of dynamic range with unparalleled accuracy and speed. The LOG200 features
two logarithmic amplifiers, followed by a high-accuracy differential amplifier to convert current signals into a
single-ended voltage that represents the log-compressed ratio of the two currents. The current inputs are
designed to feature a high-speed response from one input, and a highly accurate reference signal on the other
input, allowing for a unique combination of fast transient response and high logarithmic conformity. The LOG200
ratio is internally set to 250mV/decade of current-to-voltage conversion.
The LOG200 integrates an uncommitted high-speed amplifier to allow the output to be configured for a
differential- or filtered-response output. The device also features a precise reference current and reference
voltages designed to configure the device for optimized input current and common-mode voltages. The LOG200
operates with a single-ended 5V supply or bipolar ±5V supplies, with a total supply range from 4.5V to 12.6V.
VCM can be driven by either of the onboard voltage references (REF25 or REF165), or by an external source. I2
can be driven by an external source but is typically driven by the onboard current reference, IREF.
7.1.1 Logarithmic Transfer Function
The LOG200 uses a differential amplifier to compare the voltage outputs of two logarithmic amplifiers.
Logarithmic amplifiers rely on the feedback transistor relation of the base-emitter voltage (VBE) to the collector
current IC, according to the principle:
VBE= kTq ln ICIS
(1)
where
• k = the Boltzmann constant, 1.381 × 10-23J/K
• T = absolute temperature in kelvins (K)
• q = the elementary charge, 1.602 × 10-19C
• IS = the transistor reverse saturation current
For the basic logarithmic amplifier implementation shown in Figure 7-1, the following expression holds:
VOUT=−VBE=− kTq ln IINIS
(2)
+
–
V
OUT
V
CM
I
IN
+ V
BE –
Figure 7-1. Basic Logarithmic Amplifier
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com