Electronic Components Datasheet Search
  English  ▼

X  

LOG200RGTR Datasheet(PDF) 35 Page - Texas Instruments

Part # LOG200RGTR
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTR Datasheet(HTML) 35 Page - Texas Instruments

Back Button LOG200RGTR Datasheet HTML 31Page - Texas Instruments LOG200RGTR Datasheet HTML 32Page - Texas Instruments LOG200RGTR Datasheet HTML 33Page - Texas Instruments LOG200RGTR Datasheet HTML 34Page - Texas Instruments LOG200RGTR Datasheet HTML 35Page - Texas Instruments LOG200RGTR Datasheet HTML 36Page - Texas Instruments LOG200RGTR Datasheet HTML 37Page - Texas Instruments LOG200RGTR Datasheet HTML 38Page - Texas Instruments LOG200RGTR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
0.16
0.10
1.2
TYP
1.2 TYP
0.4
TYP
0.4 TYP
16X
0.225
0.185
B
E
A
D
4225022/A 06/2019
DSBGA - 0.4 mm max height
YBH0016
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
2
3
0.015
C A B
4
SYMM
SYMM
B
C
D
SCALE 8.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com