Electronic Components Datasheet Search
  English  ▼

X  

LOG200RGTR Datasheet(PDF) 12 Page - Texas Instruments

Part # LOG200RGTR
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LOG200RGTR Datasheet HTML 8Page - Texas Instruments LOG200RGTR Datasheet HTML 9Page - Texas Instruments LOG200RGTR Datasheet HTML 10Page - Texas Instruments LOG200RGTR Datasheet HTML 11Page - Texas Instruments LOG200RGTR Datasheet HTML 12Page - Texas Instruments LOG200RGTR Datasheet HTML 13Page - Texas Instruments LOG200RGTR Datasheet HTML 14Page - Texas Instruments LOG200RGTR Datasheet HTML 15Page - Texas Instruments LOG200RGTR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
Figure 5-25. Step Response for Decade Steps, Rising
Time (25µs/div)
1.00
0.75
0.50
0.25
0.00
-0.25
-0.50
-0.75
-1.00
II1 1nA–100pA
II1 10nA–1nA
II1 100nA–10nA
II1 1µA–100nA
II1 10µA–1µA
II1 100µA–10µA
II1 1mA–100µA
II1 10mA–1mA
Figure 5-26. Step Response for Decade Steps, Falling
Time (100ns/div)
0.50
0.25
0.00
II1 1µA–100µA
Figure 5-27. Step Response for Two-Decade Step
Frequency (Hz)
100
1000
10000
1
10
100
1k
10k
100k
REF165
REF25
VS = 10V (±5V)
Figure 5-28. Voltage-Reference-Noise Spectral Density
Frequency (Hz)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
3
100
1k
10k
100k
1M
10M
II1 = 100pA
II1 = 1nA
II1 = 10nA
II1 = 100nA
II1 = 1µA
II1 = 10µA
II1 = 100µA
II1 = 1mA
II1 = 10mA
10% sine modulation
Figure 5-29. Small-Signal II1 AC Response
Frequency (Hz)
-30
-25
-20
-15
-10
-5
0
5
10
15
10
100
1k
10k
100k
1M
10M
II2 = 100pA
II2 = 1nA
II2 = 10nA
II2 = 100nA
II2 = 1µA
II2 = 10µA
II2 = 100µA
II2 = 1mA
10% sine modulation
Figure 5-30. Small-Signal II2 AC Response
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com