Electronic Components Datasheet Search
  English  ▼

X  

LOG200RGTR Datasheet(PDF) 11 Page - Texas Instruments

Part # LOG200RGTR
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LOG200RGTR Datasheet HTML 7Page - Texas Instruments LOG200RGTR Datasheet HTML 8Page - Texas Instruments LOG200RGTR Datasheet HTML 9Page - Texas Instruments LOG200RGTR Datasheet HTML 10Page - Texas Instruments LOG200RGTR Datasheet HTML 11Page - Texas Instruments LOG200RGTR Datasheet HTML 12Page - Texas Instruments LOG200RGTR Datasheet HTML 13Page - Texas Instruments LOG200RGTR Datasheet HTML 14Page - Texas Instruments LOG200RGTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
I1 Input Current (µA)
0.01
0.1
1
10
100
1000
10000
-12
-6
0
6
12
18
24
30
36
42
48
TA = –40°C
TA = 25°C
TA = 50°C
TA = 85°C
TA = 125°C
Figure 5-19. Logarithmic-Amplifier Offset vs I1 Current
I2 Input Current (µA)
0.01
0.1
1
10
100
1000
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
TA = –40°C
TA = 25°C
TA = 50°C
TA = 85°C
TA = 125°C
Figure 5-20. Logarithmic-Amplifier Offset vs I2 Current
Time (200ns/div)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
V+IN
CL = 28pF
CL = 60pF
CL = 97pF
RISO = 0Ω, G = 1
Figure 5-21. Auxiliary-Amplifier Small-Signal Step Response
Time (200ns/div)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
V+IN
CL = 28pF
CL = 60pF
CL = 97pF
CL = 157pF
CL = 307pF
RISO = 25Ω, G = 1
Figure 5-22. Auxiliary-Amplifier Small-Signal Step Response
Time (500ns/div)
0.25
0.00
CIN = 1.8pF
CIN = 5.1pF
CIN = 10pF
CIN = 19.8pF
II1 1µA–10µA
Figure 5-23. Step Response for Various CIN
Time (500ns/div)
0.25
0.00
COUT = 28pF
COUT = 87pF
COUT = 157pF
COUT = 329pF
II1 1µA–100µA
Figure 5-24. Step Response for Various COUT
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com