Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 4 Page - SYC Electronica

Part # FT232BL
Description  FT232BL USB UART ( USB - Serial) I.C.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

FT232BL Datasheet(HTML) 4 Page - SYC Electronica

  FT232BL Datasheet HTML 1Page - SYC Electronica FT232BL Datasheet HTML 2Page - SYC Electronica FT232BL Datasheet HTML 3Page - SYC Electronica FT232BL Datasheet HTML 4Page - SYC Electronica FT232BL Datasheet HTML 5Page - SYC Electronica FT232BL Datasheet HTML 6Page - SYC Electronica FT232BL Datasheet HTML 7Page - SYC Electronica FT232BL Datasheet HTML 8Page - SYC Electronica FT232BL Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FT232BL USB UART ( USB - Serial) I.C.
•
Less External Support Components
As well as eliminating the RCCLK RC network, and
for most applications the need for an external reset
circuit, we have also eliminated the requirement for
a 100K pull-up on EECS to select 6MHz operation.
When the FT232BL is being used without the
configuration EEPROM, EECS, EESK and EEDATA
can now be left n/c. For circuits requiring a long
reset time (where the device is reset externally
using a reset generator I.C., or reset is controlled
by the IO port of a MCU, FPGA or ASIC device) an
external transistor circuit is no longer required as the
1.5k pull-up resistor on USBDP can be wired to the
RSTOUT# pin instead of to 3.3V. Note : RSTOUT#
drives out at 3.3V level, not at 5V VCC level. This is
the preferred configuration for new designs.
•
Extended EEPROM Support
The previous generation of devices only supported
EEPROM of type 93C46 (64 x 16 bit). The new
devices will also work with EEPROM type 93C56
(128 x 16 bit) and 93C66 (256 x 16 bit). The extra
space is not used by the device, however it is
available for use by other external MCU / logic whilst
the FT232BL is being held in reset.
•
USB 2.0 (full speed option)
A new EEPROM based option allows the FT232BL
to return a USB 2.0 device descriptor as opposed to
USB 1.1. Note : The device would be a USB 2.0 Full
Speed device (12Mb/s) as opposed to a USB 2.0
High Speed device (480Mb/s).
•
Multiple Device Support without EEPROM
When no EEPROM (or a blank or invalid
EEPROM) is attached to the device, the FT232BL
no longer gives a serial number as part of its
USB descriptor. This allows multiple devices to
be simultaneously connected to the same PC.
However, we still highly recommend that EEPROM
is used, as without serial numbers a device can
only be identified by which hub port in the USB
tree it is connected to which can change if the end
user re-plugs the device into a different port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com