Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 13 Page - SYC Electronica

Part # FT232BL
Description  FT232BL USB UART ( USB - Serial) I.C.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

FT232BL Datasheet(HTML) 13 Page - SYC Electronica

Back Button FT232BL Datasheet HTML 9Page - SYC Electronica FT232BL Datasheet HTML 10Page - SYC Electronica FT232BL Datasheet HTML 11Page - SYC Electronica FT232BL Datasheet HTML 12Page - SYC Electronica FT232BL Datasheet HTML 13Page - SYC Electronica FT232BL Datasheet HTML 14Page - SYC Electronica FT232BL Datasheet HTML 15Page - SYC Electronica FT232BL Datasheet HTML 16Page - SYC Electronica FT232BL Datasheet HTML 17Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
FT232BL USB UART ( USB - Serial) I.C.
7.0 Device Configuration Examples
7.1 Oscillator Configurations
Figure 4
3-Pin Ceramic Resonator
Configuration
Figure 5
Crystal or 2-Pin Ceramic Resonator
Configuration
XTIN
XTOUT
27
28
FT223BM
3-Pin Resonator
6MHz
1M
XTIN
XTOUT
27
28
FT232BM
2 - Pin Resonator
or Crystal
6MHz
27pF
27pF
Figure 4 illustrates how to use the FT232BL with a 3-Pin Ceramic Resonator. A suitable part would be a ceramic
resonator from Murata’s CERALOCK range. (Murata Part Number CSTCR6M00G15), or equivalent. 3-Pin ceramic
resonators have the load capacitors built into the resonator so no external loading capacitors are required. This
makes for an economical configuration. The accuracy of this Murata ceramic resonator is +/- 0.1% and it is specifically
designed for USB full speed applications. A 1 MegaOhm loading resistor across XTIN and XTOUT is recommended in
order to guarantee this level of accuracy.
Other ceramic resonators with a lesser degree of accuracy (typically +/- 0.5%) are technically out-with the USB
specification, but it has been calculated that using such a device will work satisfactorily in practice with a FT232BL
design.
Figure 5 illustrates how to use the FT232BL with a 6MHz Crystal or 2-Pin Ceramic Resonator. In this case, these
devices do not have in-built loading capacitors so these have to be added between XTIN, XTOUT and GND as
shown. A value of 27pF is shown as the capacitor in the example – this will be good for many crystals and some
resonators but do select the value based on the manufacturers recommendations wherever possible. If using a crystal,
use a parallel cut type. If using a resonator, see the previous note on frequency accuracy.
FT232BL
FT232BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com