Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 11 Page - SYC Electronica

Part # FT232BL
Description  FT232BL USB UART ( USB - Serial) I.C.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

FT232BL Datasheet(HTML) 11 Page - SYC Electronica

Back Button FT232BL Datasheet HTML 7Page - SYC Electronica FT232BL Datasheet HTML 8Page - SYC Electronica FT232BL Datasheet HTML 9Page - SYC Electronica FT232BL Datasheet HTML 10Page - SYC Electronica FT232BL Datasheet HTML 11Page - SYC Electronica FT232BL Datasheet HTML 12Page - SYC Electronica FT232BL Datasheet HTML 13Page - SYC Electronica FT232BL Datasheet HTML 14Page - SYC Electronica FT232BL Datasheet HTML 15Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FT232BL USB UART ( USB - Serial) I.C.
6.0 Absolute Maximum Ratings
These are the absolute maximum ratings for the FT232BL device in accordance with the Absolute Maximum Rating System
(IEC 60134).
Exceeding these may cause permanent damage to the device.
Parameter
Value
Units
Storage Temperature
–65oC to + 150oC
Degrees C
Floor Life (Out of Bag) at Factory Ambient
(30oC/60% Relative Humidity)
192 Hours (Level 3 Compliant)
**Note 2
Ambient Temperature (Power Applied)
0oC to + 70oC
Degrees C
M.T.B.F. (at 35oC)
247484 Hours ≈ 28 Years
VCC Supply Voltage
-0.5 to +6.00
V
D.C. Input Voltage - USBDP and USBDM
-0.5 to +3.8
V
D.C. Input Voltage - High Impedance Bidirectionals
-0.5 to +(Vcc +0.5)
V
D.C. Input Voltage - All other Inputs
-0.5 to +(Vcc +0.5)
V
DC Output Current – Outputs
24
mA
DC Output Current – Low Impedance Bidirectionals
24
mA
Power Dissipation (VCC = 5.25V)
500
mW
Electrostatic Discharge Voltage (Human Body Model) (I < 1uA)
+/- 3000
V
Latch Up Current (Vi = +/- 10V maximum, for 10 ms)
+/-200
mA
**Note 2 – If devices are stored out of the packaging beyond this time limit the devices should be baked before use.
The devices should be ramped up to a temperature of 110oC and baked for 8 to 10 hours.
6.1 D.C. Characteristics
DC Characteristics ( Ambient Temperature = 0 to 70oC )
Operating Voltage and Current
Parameter Description
Min
Typ
Max
Units
Conditions
Vcc1
VCC Operating Supply Voltage
4.35
5.0
5.25
V
Vcc2
VCCIO Operating Supply Voltage
3.0
-
5.25
V
Icc1
Operating Supply Current
-
25
-
mA
Normal Operation
Icc2
Operating Supply Current
-
180
200
uA
USB Suspend
**Note 3
**Note 3 – Supply current excludes the 200uA nominal drawn by the external pull-up resistor on USBDP.
UART IO Pin Characteristics ( VCCIO = 5.0V )
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 2mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 2mA
Vin
Input Switching Threshold
1.3
1.6
1.9
V
**Note 4
VHys
Input Switching Hysteresis
50
55
60
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com