Electronic Components Datasheet Search
  English  ▼

X  

MAX3237ECAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3237ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3237ECAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3237ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246Es’ internal power supply consists of a regu-
lated dual charge pump that provides output voltages
of +5.5V (doubling charge pump) and -5.5V (inverting
charge pump) over the +3.0V to +5.5V VCC range. The
charge pump operates in discontinuous mode; if the
output voltages are less than 5.5V, the charge pump is
enabled, and if the output voltages exceed 5.5V, the
charge pump is disabled. Each charge pump requires
a flying capacitor (C1, C2) and a reservoir capacitor
(C3, C4) to generate the V+ and V- supplies (Figure 1).
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert TTL/CMOS-logic levels to ±5V EIA/TIA-232-compli-
ant levels.
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E transmitters guarantee a 250kbps data rate
with worst-case loads of 3k
Ω in parallel with 1000pF,
providing compatibility with PC-to-PC communication
software (such as LapLink™). Transmitters can be par-
alleled to drive multiple receivers or mice.
The MAX3222E/MAX3237E/MAX3241E/MAX3246E
transmitters are disabled and the outputs are forced
into a high-impedance state when the device is in shut-
down mode (SHDN = GND). The MAX3222E/
MAX3232E/MAX3237E/MAX3241E/MAX3246E permit
the outputs to be driven up to ±12V in shutdown.
The MAX3222E/MAX3232E/MAX3241E/MAX3246E
transmitter inputs do not have pullup resistors. Connect
unused inputs to GND or VCC. The MAX3237E’s trans-
mitter inputs have a 400k
Ω active positive-feedback
resistor, allowing unused inputs to be left unconnected.
MAX3237E MegaBaud Operation
For higher-speed serial communications, the
MAX3237E features MegaBaud operation. In
MegaBaud operating mode (MBAUD = VCC), the
MAX3237E transmitters guarantee a 1Mbps data rate
with worst-case loads of 3k
Ω in parallel with 250pF for
+3.0V < VCC < +4.5V. For +5V ±10% operation, the
MAX3237E transmitters guarantee a 1Mbps data rate
into worst-case loads of 3k
Ω in parallel with 1000pF.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. The MAX3222E/MAX3237E/MAX3241E/
MAX3246E receivers have inverting three-state outputs.
Drive EN high to place the receiver(s) into a high-
impedance state. Receivers can be either active or
inactive in shutdown (Table 1).
8
______________________________________________________________________________________
MAX3222E
MAX3232E
MAX3237E
MAX3241E
MAX3246E
5k
Ω
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
T_ OUT
T_ IN
GND
7k
Ω
150pF
MAX3222E
MAX3232E
MAX3237E
MAX3241E
MAX3246E
5k
Ω
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
T_ OUT
T_ IN
GND
3k
Ω
1000pF
(2500pF, MAX3237E only)
MINIMUM SLEW-RATE TEST CIRCUIT
MAXIMUM SLEW-RATE TEST CIRCUIT
Figure 1. Slew-Rate Test Circuits
LapLink is a trademark of Traveling Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com