Electronic Components Datasheet Search
  English  ▼

X  

SB2 Datasheet(PDF) 2 Page - France Joint

Part # SB2
Description  STANDARD SHAFT SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SB2 Datasheet(HTML) 2 Page - France Joint

  SB2 Datasheet HTML 1Page - France Joint SB2 Datasheet HTML 2Page - France Joint SB2 Datasheet HTML 3Page - France Joint SB2 Datasheet HTML 4Page - France Joint SB2 Datasheet HTML 5Page - France Joint SB2 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.francejoint.com
ROTARY SEALS | STANDARD SHAFT SEALS |
SB2
Temperature / Media
Media
Maximum temperature depending on the materials
ACM
AEM
EPDM
FKM
HNBR
NBR
VMQ
Mineral oils
Oils for motors
+130°C
+130°C
–
+170°C
+130°C
+100°C
+150°C
Oils for gearboxes
+120°C
+130°C
–
+150°C
+110°C
+80°C
+130°C
Oils for hypoid gears
+120°C
+130°C
–
+150°C
+110°C
+80°C
–
ATF oils
+120°C
+130°C
–
+170°C
+130°C
+100°C
–
Hydraulic oils
+120°C
+130°C
–
+150°C
+130°C
+90°C
–
Greases
–
+130°C
–
–
+100°C
+90°C
–
Fire-resistant
fluids
HFA group - Emulsion with
more than 80% water
–
–
–
–
+70°C
+70°C
+60°C
HFB group - Opposite
solution (water in oil)
–
–
–
–
+70°C
+70°C
+60°C
HFC group - Polymer
aqueous solution
–
–
+60°C
–
+70°C
+70°C
–
HFD group - Water-free
synthetic fluids
–
–
–
+150°C
–
–
–
Other fluids
EL + L heating oil
–
–
–
–
+100°C
+90°C
–
Air
+150°C
+150°C
+150°C
+200°C
+130°C
+100°C
+200°C
Water
–
–
+150°C
+100°C
+100°C
+90°C
–
Water for washing
–
–
+130°C
+100°C
+100°C
+90°C
–
Temperature range
Min.
-25°C
-40°C
-45°C
-20°C
-30°C
-30°C
-60°C
Max.
+150°C
+150°C
+150°C
+200°C
+150°C
+100°C
+200°C
|
|
TECHNICAL DATA
Speed
0
0
20
40
60
80 100 120 140 160 180 200
5
10
15
20
25
30
35
40
500
1000
1500
2000
2500
3000
3500
4500 4000
5000
6000
7000
9000
15000
30000
8000
10000
Shaft diameter (mm)
FKM / VMQ
ACM / AEM / HNBR
NBR
PTFE
The shaft seals with an additional protective
lip are limited to a speed of 8 m/sec.
Linear speed calculation:
s (m/s) =
[shaft Ø (mm)  x  speed (rpm)  x   π]
 
60,000
Pressure
The standard shaft seals are generally used
in unpressurised environments, or for pressures
between 0.02 and 0.05 MPa maximum.
Higher pressures are acceptable, following testing, for standard
NBR or FKM shaft seals used on a shaft diameter less than 30
mm.
0
0,05
0,1
0,15
0,2
10
20
30
Shaft diameter (mm)
1 m/s
1,5 m/s
2 m/s
2,5 m/s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com