Electronic Components Datasheet Search
  English  ▼

X  

SB2 Datasheet(PDF) 3 Page - France Joint

Part # SB2
Description  STANDARD SHAFT SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SB2 Datasheet(HTML) 3 Page - France Joint

  SB2 Datasheet HTML 1Page - France Joint SB2 Datasheet HTML 2Page - France Joint SB2 Datasheet HTML 3Page - France Joint SB2 Datasheet HTML 4Page - France Joint SB2 Datasheet HTML 5Page - France Joint SB2 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.francejoint.com
ROTARY SEALS | STANDARD SHAFT SEALS |
SB2
L1
L2
10° / 20°
R2 max
20° / 30°
R
|
|
SHAFT DESIGN
Shaft hardness
Rotation speed
Hardness in HRC
s ≤ 4.0 m/sec
45 HRC
4.0 < s ≤ 10.0 m/s
55 HRC
s > 10.0 m/sec
60 HRC
Surface roughness
Ra *
0.2 to 0.8 µm
Rz
1.0 to 4.0 µm
Rmax
≤6.3 µm
*Ra = 0.1 µm for demanding applications
Shaft tolerance
Shaft diameter
Ød1 (mm)
Tolerance
h11 (mm)
Ød1 ≤ 3.0
-0.060 / 0
3.0 < Ød1 ≤ 6.0
-0.075 / 0
6.0 < Ød1 ≤ 10.0
-0.090 / 0
10.0 < Ød1 ≤ 18.0
-0.110 / 0
18.0 < Ød1 ≤ 30.0
-0.130 / 0
30.0 < Ød1 ≤ 50.0
-0.160 / 0
50.0 < Ød1 ≤ 80.0
-0.190 / 0
80.0 < Ød1 ≤ 120.0
-0.220 / 0
120.0 < Ød1 ≤ 180.0
-0.250 / 0
180.0 < Ød1 ≤ 250.0
-0.290 / 0
250.0 < Ød1 ≤ 315.0
-0.320 / 0
315.0 < Ød1 ≤ 400.0
-0.360 / 0
400.0 < Ød1 ≤ 500.0
-0.400 / 0
Chamfer and radius
Shaft diameter
Ød1 (mm)
Chamfer diameter
Ød3 (mm)
Radius
R (mm)
Ød1 ≤ 10.0
Ød1 - 1.50
2.00
10.0 < Ød1 ≤ 20.0
Ød1 - 2.00
2.00
20.0 < Ød1 ≤ 30.0
Ød1 - 2.50
3.00
30.0 < Ød1 ≤ 40.0
Ød1 - 3.00
3.00
40.0 < Ød1 ≤ 50.0
Ød1 - 3.50
4.00
50.0 < Ød1 ≤ 70.0
Ød1 - 4.00
4.00
70.0 < Ød1 ≤ 95.0
Ød1 - 4.50
5.00
95.0 < Ød1 ≤ 130.0
Ød1 - 5.50
6.00
130.0 < Ød1 ≤ 240.0
Ød1 - 7.00
8.00
240.0 < Ød1 ≤ 500.0
Ød1 - 11.00
12.00
Shaft run out
Shaft speed (r.p.m)
0
0,1
0,2
0,3
0,4
PTFE
NBR - HNBR - ACM - AEM - FKM
VMQ
1000
2000
3000
4000
5000
6000
Eccentricity
Shaft diameter (mm)
25
50
100
200
150
250
75
125
175
225
275
0,1
0,2
0,3
0,4
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com