Electronic Components Datasheet Search
  English  ▼

X  

SB2 Datasheet(PDF) 4 Page - France Joint

Part # SB2
Description  STANDARD SHAFT SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SB2 Datasheet(HTML) 4 Page - France Joint

  SB2 Datasheet HTML 1Page - France Joint SB2 Datasheet HTML 2Page - France Joint SB2 Datasheet HTML 3Page - France Joint SB2 Datasheet HTML 4Page - France Joint SB2 Datasheet HTML 5Page - France Joint SB2 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.francejoint.com
ROTARY SEALS | STANDARD SHAFT SEALS |
SB2
Surface roughness
Ra
0.8 to 3.2 µm
Rz
6.3 to 16.0 µm
Rmax
≤16.0 µm
Housing tolerance
Bore diameter
ØD1 (mm)
Tolerance
H8 (mm)
3.0 < ØD1 ≤ 6.0
0 / +0.018
6.0 < ØD1 ≤ 10.0
0 / +0.022
10.0 < ØD1 ≤ 18.0
0 / +0.027
18.0 < ØD1 ≤ 30.0
0 / +0.033
30.0 < ØD1 ≤ 50.0
0 / +0.039
50.0 < ØD1 ≤ 80.0
0 / +0.046
80.0 < ØD1 ≤ 120.0
0 / +0.054
120.0 < ØD1 ≤ 180.0
0 / +0.063
180.0 < ØD1 ≤ 250.0
0 / +0.072
250.0 < ØD1 ≤ 315.0
0 / +0.081
315.0 < ØD1 ≤ 400.0
0 / +0.089
400.0 < ØD1 ≤ 500.0
0 / +0.097
500.0 < ØD1 ≤ 630.0
0 / +0.110
Housing radius and width
Height
H1 (mm)
Width
Radius
R2 max (mm)
L2min
(H1 x 0.85)
L1min
(H1 x +0.3)
7.00
5.95
7.30
0.50
8.00
6.80
8.30
10.00
8.50
10.30
12.00
10.30
12.30
0.70
15.00
12.75
15.30
20.00
17.00
20.30
|
|
HOUSING DESIGN
L1
L2
10° / 20°
R2 max
20° / 30°
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com