Electronic Components Datasheet Search
  English  ▼

X  

AN912 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN912
Description  Designing LF Talkback for a Magnetic Base Station
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN912 Datasheet(HTML) 5 Page - Microchip Technology

  AN912 Datasheet HTML 1Page - Microchip Technology AN912 Datasheet HTML 2Page - Microchip Technology AN912 Datasheet HTML 3Page - Microchip Technology AN912 Datasheet HTML 4Page - Microchip Technology AN912 Datasheet HTML 5Page - Microchip Technology AN912 Datasheet HTML 6Page - Microchip Technology AN912 Datasheet HTML 7Page - Microchip Technology AN912 Datasheet HTML 8Page - Microchip Technology AN912 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2004 Microchip Technology Inc.
DS00912A-page 5
AN912
AN IMPROVED DECOUPLER
From the previous section, it is clear that a high-pass
filter is needed with either a controllable
τ or a nonlinear
τ that is based on the voltage across the output of the
decoupler. Both approaches will be covered and the
latter solution is shown in Figure 5.
FIGURE 5:
The addition of the two diodes, shown in Figure 5,
results in a nonlinear
τ with respect to voltage because
it effectively lowers the R component of
τ whenever the
voltage is either above 3.1V or below -3.1V. In a practi-
cal circuit, the diodes will start conducting when the
tank is turned on and the voltage, across the resistor R,
is around 3 volts, after the tank has stabilized.
Previously,
τ was calculated with an initial voltage of
150 VDC, but if the calculation is repeated with an initial
voltage of 3 VDC, then the required
τ comes to 25 µs.
The RC time constant is improved by a significant
factor from 16.78
µs to 25 µs with the additional diodes,
however, it is still not in the 64
µs ball park. The diodes
have the additional advantage in that they protect the
low-pass filter from the large positive and negative
voltages that develop across the resistor during tank
transient periods.
The final part to solving the time constant problem is to
add an additional resistor via a switch, as shown in
Figure 6. The switch is closed to reduce
τ from 64 µs to
25
µs during transient periods and opened while data is
received via the LF Talkback link.
FIGURE 6:
The final part of the decoupling stage is to lower the
output impedance by adding an active buffer in the
form of an inverting amplifier that has an input resis-
tance equal to R1. The use of an inverting amplifier has
the additional advantages that it can add gain and a
single order low-pass filter to the decoupler, as shown
in Figure 7. The gain is equal to the ratio of R3/R1, and
the low pass cutoff frequency is set by R3 and C2, as
per Equation 4. The low pass cutoff frequency should
be chosen at least two decades above the main low-
pass filter, otherwise it will have an undesirable effect
on the envelope response. For single ended 5V
designs, the gain should be limited to about 10 dB to
avoid amplifier saturation due to carrier ripple and data
modulation.
FIGURE 7:
HV-Env
C
R
LP Filter
2.5V
-2.5V
HV-Env
C
R1
LP Filter
2.5V
-2.5V
R2
S1
HV-Env
R2
S1
-
+
Output
C2
R1
R3
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com