Electronic Components Datasheet Search
  English  ▼

X  

AN912 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN912
Description  Designing LF Talkback for a Magnetic Base Station
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN912 Datasheet(HTML) 1 Page - Microchip Technology

  AN912 Datasheet HTML 1Page - Microchip Technology AN912 Datasheet HTML 2Page - Microchip Technology AN912 Datasheet HTML 3Page - Microchip Technology AN912 Datasheet HTML 4Page - Microchip Technology AN912 Datasheet HTML 5Page - Microchip Technology AN912 Datasheet HTML 6Page - Microchip Technology AN912 Datasheet HTML 7Page - Microchip Technology AN912 Datasheet HTML 8Page - Microchip Technology AN912 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2004 Microchip Technology Inc.
DS00912A-page 1
AN912
INTRODUCTION
This application note builds on application note AN232
Low
Frequency
Magnetic
Transmitter
Design
(DS00232). It covers the design process to implement
LF Talkback functionality. AN232 covers some of the
magnetism basics and design principles to implement
the drive circuitry. LF Talkback generally refers to the
process in which a transponder can communicate back
to a magnetic transmitter base station by loading the
generated magnetic field. By measuring the small
changes in the transmitter coil's voltage, used to gener-
ate the field, the communications’ data is extracted. LF
Talkback is commonly used in RFID, automotive
transponders, active transponders, and many other
bidirectional LF communications topologies.
This document will cover the different stages needed to
implement a typical LF Talkback system and explain
the process in choosing the different stage characteris-
tics. It explains the various performance and cost trade-
offs made for the reference design and how it can be
adapted to better suit the readers needs.
MAIN BUILDING BLOCKS
Figure 1 shows the main building blocks that make up
the LF Talkback system described in this document.
The base station generates a strong magnetic field by
setting up resonance in a serial resonant tank. The
circulating energy in the resonant tank typically gener-
ates 300V peak-to-peak voltage across the transmitting
antenna coil at 125 kHz. The transponder, whether
active or passive, is magnetically coupled to the base
station’s transmitting coil and the transponder’s
magnetic loading has a small effect on the quality factor
(Q) of the transmitter resonant tank. Talkback is
accomplished by changing or modulating the magnetic
loading and can be observed as small voltage changes
across the base station's resonant transmitter coil. The
difficulty is to detect a few mV of modulation on the
300V peak-to-peak carrier.
FIGURE 1:
Author:
Ruan Lourens
Microchip Technology Inc.
VREF
Data
Transponder
Base Station
M
Peak
Detector
DC
Decouple
Low Pass
Filter
Data
Slicer
Data
Designing LF Talkback for a Magnetic Base Station


Similar Part No. - AN912

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
AN91267 RAMTRON-AN91267 Datasheet
3Mb / 62P
Getting Started with PSoC
More results

Similar Description - AN912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
LF Base Station IC TMS3705ADR
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
LF BASE STATION IC
logo
Pericom Semiconductor C...
RI-TMS3705ADR PERICOM-RI-TMS3705ADR_08 Datasheet
88Kb / 4P
LF BASE STATION IC
logo
Texas Instruments
TMS3705ADR TI-TMS3705ADR Datasheet
149Kb / 1P
LF Base Station IC
logo
Epson ToYoCom
HF-S14A EPSONTOYOCOM-HF-S14A Datasheet
482Kb / 2P
CRYSTAL FILTER FOR BASE STATION
logo
TDK Electronics
B39192B5180U410 TDK-B39192B5180U410 Datasheet
140Kb / 8P
SAW filter for base station
logo
Pepperl+Fuchs Inc.
U-P6-B5 PF-U-P6-B5 Datasheet
350Kb / 2P
Base for read/write station
U-P6-B6-V15B PF-U-P6-B6-V15B Datasheet
363Kb / 2P
Base for read/write station
U-P6-B6 PF-U-P6-B6 Datasheet
332Kb / 2P
Base for read/write station
CBL-IDMX61-B-JX-S-S07-N0 PF-CBL-IDMX61-B-JX-S-S07-N0 Datasheet
463Kb / 1P
Connection cable for base station
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com