Electronic Components Datasheet Search
  English  ▼

X  

AN912 Datasheet(PDF) 8 Page - Microchip Technology

Part # AN912
Description  Designing LF Talkback for a Magnetic Base Station
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN912 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AN912 Datasheet HTML 4Page - Microchip Technology AN912 Datasheet HTML 5Page - Microchip Technology AN912 Datasheet HTML 6Page - Microchip Technology AN912 Datasheet HTML 7Page - Microchip Technology AN912 Datasheet HTML 8Page - Microchip Technology AN912 Datasheet HTML 9Page - Microchip Technology AN912 Datasheet HTML 10Page - Microchip Technology AN912 Datasheet HTML 11Page - Microchip Technology AN912 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AN912
DS00912A-page 8
 2004 Microchip Technology Inc.
The PIC16F648A has various comparator options.
Figure 10 shows the topology that was chosen for this
application. The main filter output signal “ENV_IN” is
connected to comparator C1 via RA0. Resistor R10
was placed in series with the output of the filter to have
10 k
Ω impedance. Together with the 4.99 MΩ resistor,
R11 adds an additional 10 mV of hysteresis. The
comparator has a combined offset and hysteresis of
10 mV, in the worst case, making for a total of 20 mV of
hysteresis, in the worst case, and about 15 mV on
average. It should be noted that the output of compar-
ator C1 has to be inverted by setting bit C1INV, in the
CMCON register. The output inversion is needed to
result in positive feedback, via R11, as is shown in
Figure 9. At first glance, it seems as if R10 can be
removed and R11 changed to a 2.43 M
Ω resistor, but
the capacitor C12 will cause delay and that can lead to
instability.
FIGURE 10:
There are additional aspects around the decoupler that
need to be explained for the system as it is imple-
mented. The port pin RB7 is essentially an open circuit
when it is configured as an input and the input voltage
is between VDD (5V) and ground. All the general
purpose I/O pins have internal ESD protection diodes
that become conductive when a pin voltage is forced
outside the VDD to ground range. This has the effect
that the RC time constant for the decoupling stage is
reduced to 11
µs from 177 µs whenever the “BIAS”
signal is about 0.6V above VDD, or below ground even
if RB7 is configured as an input. The addition of R3
works well, but keep in mind, the stable DC voltage for
signal “A”, shown in Figure 11, is 2.5 VDC and the signal
“BIAS” is either 5V or ground. One can implement one
of two approaches to correctly bias the signal at point
“A”.
The first solution is to toggle RB7 between high and low
with a 50% duty cycle at 20 kHz or more. This is
equivalent to connecting the “BIAS” signal to the
desired 2.5 VDC. This is only done for a short period
after the tank is turned on or off, to force the decoupler
to stabilize faster than it would with just R4. The second
approach is to force the signal “A” in the required
direction. The voltage at “A” will go above VDD if the
tank is turned on after it has been turned off for some
time. The “BIAS” signal can be grounded during the
turn-on transient period until the voltage at point “A”
reaches the desired 2.5 VDC or VREF. By monitoring
either of the comparator output signals, it is possible to
detect when the voltage at point A goes through VREF.
Pin RB7 can be turned into an input as soon as the
cross over is detected resulting in a decoupler RC time
constant of 177
µs. The filters introduce delay that
cause some overshoot of the voltage at point “A”. The
overshoot can be resolved by allowing some additional
stabilizing time with R4, before LF communication is
interpreted as data.
-
+
-
+
Two common Reference Comparators with Outputs
CM2:CM0 = 110
C1
C2
VIN-
VIN+
A
D
C1VOUT
C2VOUT
VIN-
VIN+
A
A
Open Drain
RA0/AN0
RA3/AN3/CMP1
RA1/AN1
RA2/AN2/VREF
RA4/T0CKI/CMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com