Electronic Components Datasheet Search
  English  ▼

X  

TAS5352 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5352 Datasheet HTML 7Page - Texas Instruments TAS5352 Datasheet HTML 8Page - Texas Instruments TAS5352 Datasheet HTML 9Page - Texas Instruments TAS5352 Datasheet HTML 10Page - Texas Instruments TAS5352 Datasheet HTML 11Page - Texas Instruments TAS5352 Datasheet HTML 12Page - Texas Instruments TAS5352 Datasheet HTML 13Page - Texas Instruments TAS5352 Datasheet HTML 14Page - Texas Instruments TAS5352 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
200
50m 100m 200m 500m
1
2
5
10
20
50
100
P – OutputPower – W
O
4 Ω
6 Ω
8 Ω
8 Ω
8 Ω
8 Ω
T =75°C
THD+Nat10%
C
0
150
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
34
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
T =75°C
THD+Nat10%
C
8 Ω
4 Ω
6 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
PVDD – SupplyVoltage – V
0
120
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
0
34
2
4
6
8
10 12
14 16
18 20 22 24 26 28 30
32
PVDD – SupplyVoltage – V
T =75°C
C
8 Ω
4 Ω
6 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
0
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
280
40
80
120
160
200
240
2ChannelsOutputPower – W
T =25°C
THD+Nat10%
C
8 Ω
8 Ω
8 Ω
4 Ω
8 Ω
8 Ω
8 Ω
6 Ω
8 Ω
8 Ω
8 Ω
8 Ω
TAS5352
SLES204 – SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
PVDD_x = 34.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
TAS5352
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
FANOUT
Device fanout OTW, SD
No external pullup
30
Devices
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com