Electronic Components Datasheet Search
  English  ▼

X  

TAS5352 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5352 Datasheet HTML 12Page - Texas Instruments TAS5352 Datasheet HTML 13Page - Texas Instruments TAS5352 Datasheet HTML 14Page - Texas Instruments TAS5352 Datasheet HTML 15Page - Texas Instruments TAS5352 Datasheet HTML 16Page - Texas Instruments TAS5352 Datasheet HTML 17Page - Texas Instruments TAS5352 Datasheet HTML 18Page - Texas Instruments TAS5352 Datasheet HTML 19Page - Texas Instruments TAS5352 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.ti.com
GVDD(+12V)
VDD(+12V)
PVDD
PVDD
GVDD(+12V)
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
TAS5508/18
PWM1_P
PWM2_P
VALID
Microcontroller
I2C
10µH
100nF
50V
10µH
100nF
TAS5352DDV
GVDD_B
OTW
SD
PWM_A
RESET_AB
PWM_B
OC_ADJ
GND
AGND
VREG
M3
M2
M1
PWM_C
RESET_CD
PWM_D
GVDD_C
GVDD_D
BST_D
PVDD_D
OUT_D
GND_D
GND_C
OUT_C
PVDD_C
BST_C
BST_B
PVDD_B
OUT_B
GND_B
GND_A
VDD
GVDD_A
BST_A
PVDD_A
OUT_A
NC
NC
NC
NC
NC
PVDD_D
PVDD_A
NC
25V
33nF
100nF
50V
100nF
50V
100nF
470nF
100nF
50V
10µH
470µF
50V
470 F
µ
50V
33nF 25V
3.3 Ω
100nF
0 Ω
22k
100nF
33nF 25V
100nF
50V
10nF
50V
100nF
470nF
100nF
100nF
50V
33nF
25V
100nF
50V
100nF
10µH
3.3 Ω
10nF
50V
10nF
50V
3.3 Ω
1nF
50V
1nF
50V
1nF
50V
1nF
50V
3.3 Ω
10nF
50V
10nF
50V
3.3 Ω
3.3 Ω
10nF
50V
10 Ω
10 Ω
10 Ω
10 Ω
50V
GND
TAS5352
SLES204 – SEPTEMBER 2007
Figure 15. Typical Non-Differential (1N) BTL Application With AD Modulation Filters
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com