Electronic Components Datasheet Search
  English  ▼

X  

TAS5352 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5352 Datasheet HTML 8Page - Texas Instruments TAS5352 Datasheet HTML 9Page - Texas Instruments TAS5352 Datasheet HTML 10Page - Texas Instruments TAS5352 Datasheet HTML 11Page - Texas Instruments TAS5352 Datasheet HTML 12Page - Texas Instruments TAS5352 Datasheet HTML 13Page - Texas Instruments TAS5352 Datasheet HTML 14Page - Texas Instruments TAS5352 Datasheet HTML 15Page - Texas Instruments TAS5352 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
2ChannelsOutputPower – W
0
34
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
280
20
40
60
80
100 120 140 160 180 200 220 240 260
T =25°C
THD+Nat10%
C
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
8 Ω
8 Ω
6 Ω
0
160
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10
120
20
30
40
50
60
70
80
90
100 110
THD+Nat10%
T – CaseTemperature – °C
C
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
6 Ω
8 Ω
8 Ω
8 Ω
4 Ω
f – Frequency – kHz
–160
+0
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
22k
1k 2k 3k 4k 5k 6k 7k 8k 9k 10k 11k 12k 13k 14k 15k 16k 17k 18k 19k 20k 21k
T =75°C
V
=20.60V
SampleRate=48kHz
FFTSize=16384
C
REF
TAS5352
SLES204 – SEPTEMBER 2007
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM POWER LOSS
SYSTEM OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com