Electronic Components Datasheet Search
  English  ▼

X  

AD1981BL Datasheet(PDF) 20 Page - Analog Devices

Part # AD1981BL
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BL Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1981BL Datasheet HTML 16Page - Analog Devices AD1981BL Datasheet HTML 17Page - Analog Devices AD1981BL Datasheet HTML 18Page - Analog Devices AD1981BL Datasheet HTML 19Page - Analog Devices AD1981BL Datasheet HTML 20Page - Analog Devices AD1981BL Datasheet HTML 21Page - Analog Devices AD1981BL Datasheet HTML 22Page - Analog Devices AD1981BL Datasheet HTML 23Page - Analog Devices AD1981BL Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
REV. 0
AD1981BL
–20–
AC ’97 2.2 AMAP Compliant Default SPDIF Slot Assignments
Codec ID
Function
SPSA = 00
SPSA = 01
SPSA = 10
SPSA = 11
00
2-Ch Primary w/SPDIF
3 and 4
7 and 8 (default)
6 and 9
10 and 11
00
4-Ch Primary w/SPDIF
3 and 4
7 and 8
6 and 9 (default)
10 and 11
00
6-Ch Primary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
01
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9 (default)
01
+4-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
10
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9 (default)
10
+4-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
11
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
SRF[15:0]
Sample Rate. The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments.
If 0 is written to VRA, the sample rate is reset to 48 kHz.
SRA[15:0]
Sample Rate. The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments.
If 0 is written to VRA, the sample rate is reset to 48 kHz.
PCM Front DAC Rate Register (Index 2Ch)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
2Ch PCM Front
SRF15 SRF14 SRF13 SRF12 SRF11 SRF10 SRF9 SRF8 SRF7 SRF6 SRF5 SRF4 SRF3 SRF2 SRF1 SRF0 BB80h
DAC Rate
This read/write sample rate control register contains a 16-bit unsigned value, representing the rate of operation in Hz.
PCM ADC Rate Register (Index 32h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
32h
PCM L/R
SRA15 SRA14 SRA13 SRA12 SRA11 SRA10 SRA9 SRA8 SRA7 SRA6 SRA5 SRA4 SRA3 SRA2 SRA1 SRA0 BB80h
ADC Rate
This read/write sample rate control register contains 16-bit unsigned value, representing the rate of operation in Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com