Electronic Components Datasheet Search
  English  ▼

X  

AD1981BL Datasheet(PDF) 27 Page - Analog Devices

Part # AD1981BL
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1981BL Datasheet HTML 20Page - Analog Devices AD1981BL Datasheet HTML 21Page - Analog Devices AD1981BL Datasheet HTML 22Page - Analog Devices AD1981BL Datasheet HTML 23Page - Analog Devices AD1981BL Datasheet HTML 24Page - Analog Devices AD1981BL Datasheet HTML 25Page - Analog Devices AD1981BL Datasheet HTML 26Page - Analog Devices AD1981BL Datasheet HTML 27Page - Analog Devices AD1981BL Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
REV. 0
AD1981BL
–27–
Vendor ID Register (Index 7Ch to 7Eh)
Reg
No. Name
D15
D14 D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
7Ch Vendor ID1 F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4144h
S[7:0]
This register is ASCII encoded to A.
F[7:0]
This register is ASCII encoded to D.
Reg
No. Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
7Eh Vendor ID2 T7
T6
T5
T4
T3
T2
T1
T0
REV7 REV6 REV5 REV4 REV3 REV2 REV1 REV0 5374h
T[7:0]
This register is ASCII encoded to S.
REV[7:0]
Vendor specific revision number: The AD1981BL assigns 74h to this field.
Table IX. Codec ID and External Clock Selection Table
ID1
ID0
Codec ID
Codec Clocking Source
11
(00) Primary
24.576 MHz
(Local Xtal or External into XTL_IN)
10
(01) Secondary
12.288 MHz
(External into BIT_CLK)
01
(00) Primary
48.000 MHz
(External into XTL_IN)
00
(00) Primary
14.31818 MHz
(External into XTL_IN)
Note that internally, the
ID pins have weak pull-ups and are inverted.
MADST
Mixer ADC Status Bit. Indicates status of mixer digitizing ADC (left and right channels).
0 = Mixer ADC not ready.
1 = Mixer ADC ready.
MADPD
Mixer ADC Power-Down. Controls power down for mixer digitizing ADC.
0 = Mixer ADC is powered on (default).
1 = Mixer ADC is powered down.
2CMIC
2-Channel MIC Select. This bit enables simultaneous recording from MIC1 and MIC2 inputs for applications that
use a stereo microphone array. Note that this register works in conjunction with the MS bit in Register 20h.
0 = MIC1 or MIC2 (determined by MS bit) is routed to the record selector’s left and right MIC channels as well
as to the mixer (reset default).
1 = MIC1 is routed to the record selector’s left MIC channel and MIC2 is routed to the record selector’s
right MIC channel. Note that in this mode, the MS bit should be set low and MIC1 can still be enabled into the mixer.
FMXE
Front DAC into Mixer Enable. Controls the front (main) DAC to mixer mute switches.
0 = Front DAC outputs are allowed to sum into the mixer (reset default).
1 = Front DAC outputs are muted into the mixer (blocked).
DAM
Digital Audio Mode. PCM DAC outputs bypass the analog mixer and are sent directly to the codec output.
LODIS
LINE_OUT Disable. Disables the LINE_OUT pins (L/R), placing them into High Z mode so that the assigned
output audio jack can be shared for input function (or other function).
0 = LINE_OUT pins have normal audio drive capability (reset default).
1 = LINE_OUT pins are placed into High Z mode.
MSPLT
Mute Split. Allows separate mute control bits for Master, Headphone, LINE_IN, CD, AUX, and PCM volume control
registers as well as record gain register.
0 = Both left and right channel mutes are controlled by Bit 15 in the respective registers (reset default).
1 = Bit 15 affects only the left channel mute and Bit 7 affects only the right channel mute.
DACZ
DAC Zero-Fill. Determines DAC data fill under starved conditions.
0 = DAC data is repeated when DACs are starved for data (reset default).
1 = DAC is zero-filled when DACs are starved for data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com