Electronic Components Datasheet Search
  English  ▼

X  

AD1981BL Datasheet(PDF) 24 Page - Analog Devices

Part # AD1981BL
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BL Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1981BL Datasheet HTML 20Page - Analog Devices AD1981BL Datasheet HTML 21Page - Analog Devices AD1981BL Datasheet HTML 22Page - Analog Devices AD1981BL Datasheet HTML 23Page - Analog Devices AD1981BL Datasheet HTML 24Page - Analog Devices AD1981BL Datasheet HTML 25Page - Analog Devices AD1981BL Datasheet HTML 26Page - Analog Devices AD1981BL Datasheet HTML 27Page - Analog Devices AD1981BL Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
REV. 0
AD1981BL
–24–
Jack Sense/Audio Interrupt/Status Register (Index 72h)
Reg
No. Name
D15 D14
D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
72h Jack Sense
X
X
X
JS
JS
JS
JS1
JS0
JS1
JS0
JS1
JS0
JS1
JS0
JS1
JS0
0000h
MT2
MT1
MT0
EQB
EQB
TMR
TMR
MD
MD
ST
ST
INT
INT
All register bits are read/write except for JS0ST and JS1ST, which are read-only. All registers not shown and bits containing an X are assumed to be reserved.
JS0INT
Indicates Pin JS0 Has Generated an Interrupt. Remains set until the software services JS0 interrupt, i.e., JS0 ISR
should clear this bit by writing a 0 to it. Note that the interrupt to the system is actually an OR combination of this bit
and JS1INT. Also note that the actual interrupt implementation is selected by the INTS bit (Register 76h). It is also
possible to generate a software system interrupt by writing a 1 to this bit.
JS1INT
Indicates Pin JS1 Has Generated an Interrupt. Remains set until the software services JS1 interrupt, i.e., JS1 ISR
should clear this bit by writing a 0 to it. See JS0INT description for additional details.
JS0ST
JS0 State. This bit always reports the logic state of JS0 pin.
JS1ST
JS1 State. This bit always reports the logic state of JS1 pin.
JS0MD
JS0 Mode. This bit selects the operation mode for the JS0 pin.
0 = Jack Sense mode (default).
1 = Interrupt mode.
JS1MD
JS1 Mode. This bit selects the operation mode for the JS1 pin.
0 = Jack Sense mode (default).
1 = Interrupt mode.
JS0TMR
JS0 Timer Enable. If this bit is set to a 1, JS0 must be high for greater than 278 ms to be recognized.
JS1TMR
JS1 Timer Enable. If this bit is set to a 1, JS1 must be high for greater than 278 ms to be recognized.
JS0EQB
JS0 EQ Bypass Enable. This bit enables JS0 to control the EQ bypass. When this bit is set to 1, JS0 = 1 will cause the
EQ to be bypassed.
JS1EQB
JS1 EQ Bypass Enable. This bit enables JS1 to control the EQ bypass. When this bit is set to 1, JS1 = 1 will cause the
EQ to be bypassed.
JSMT[2,0]
JS Mute Enable Selector. These three bits select and enable the Jack Sense muting action (see Table VIII).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com