Electronic Components Datasheet Search
  English  ▼

X  

AM6754 Datasheet(PDF) 32 Page - Texas Instruments

Part # AM6754
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6754 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM6754 Datasheet HTML 28Page - Texas Instruments AM6754 Datasheet HTML 29Page - Texas Instruments AM6754 Datasheet HTML 30Page - Texas Instruments AM6754 Datasheet HTML 31Page - Texas Instruments AM6754 Datasheet HTML 32Page - Texas Instruments AM6754 Datasheet HTML 33Page - Texas Instruments AM6754 Datasheet HTML 34Page - Texas Instruments AM6754 Datasheet HTML 35Page - Texas Instruments AM6754 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AG23
OLDI0_A1P
PADCONFIG
PADCONFIG153
0x000F4264
OLDI0_A1P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_54
7
IO
pad
AB20
OLDI0_A2N
PADCONFIG
PADCONFIG156
0x000F4270
OLDI0_A2N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_57
7
IO
pad
AB21
OLDI0_A2P
PADCONFIG
PADCONFIG155
0x000F426C
OLDI0_A2P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_56
7
IO
pad
AG20
OLDI0_A3N
PADCONFIG
PADCONFIG158
0x000F4278
OLDI0_A3N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_59
7
IO
pad
AG21
OLDI0_A3P
PADCONFIG
PADCONFIG157
0x000F4274
OLDI0_A3P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_58
7
IO
pad
AD21
OLDI0_A4N
PADCONFIG
PADCONFIG160
0x000F4280
OLDI0_A4N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_61
7
IO
pad
AC21
OLDI0_A4P
PADCONFIG
PADCONFIG159
0x000F427C
OLDI0_A4P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_60
7
IO
pad
AF19
OLDI0_A5N
PADCONFIG
PADCONFIG162
0x000F4288
OLDI0_A5N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_63
7
IO
pad
AF18
OLDI0_A5P
PADCONFIG
PADCONFIG161
0x000F4284
OLDI0_A5P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_62
7
IO
pad
AG17
OLDI0_A6N
PADCONFIG
PADCONFIG164
0x000F4290
OLDI0_A6N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_65
7
IO
pad
AG18
OLDI0_A6P
PADCONFIG
PADCONFIG163
0x000F428C
OLDI0_A6P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_64
7
IO
pad
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com