Electronic Components Datasheet Search
  English  ▼

X  

AM6754 Datasheet(PDF) 62 Page - Texas Instruments

Part # AM6754
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6754 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM6754 Datasheet HTML 58Page - Texas Instruments AM6754 Datasheet HTML 59Page - Texas Instruments AM6754 Datasheet HTML 60Page - Texas Instruments AM6754 Datasheet HTML 61Page - Texas Instruments AM6754 Datasheet HTML 62Page - Texas Instruments AM6754 Datasheet HTML 63Page - Texas Instruments AM6754 Datasheet HTML 64Page - Texas Instruments AM6754 Datasheet HTML 65Page - Texas Instruments AM6754 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 237 page
background image
Table 5-29. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
AA24
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
AA27
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-multiplexed mode
and Address 26 in A/D multiplexed mode
AA25
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AB25
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA23
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA22
GPMC0_A14
OZ
GPMC address 14 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AB26
GPMC0_A15
OZ
GPMC address 15 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AB27
GPMC0_A16
OZ
GPMC address 16 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AB24
GPMC0_A17
OZ
GPMC address 17 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AC27
GPMC0_A18
OZ
GPMC address 18 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AB23
GPMC0_A19
OZ
GPMC address 19 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AC26
GPMC0_A20
OZ
GPMC address 20 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P23
GPMC0_A21
OZ
GPMC address 21 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
W26
GPMC0_A22
OZ
GPMC address 22 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
N24
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-multiplexed mode
and additionally Address 1 Output in A/D multiplexed
mode
R22
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-multiplexed mode
and additionally Address 2 Output in A/D multiplexed
mode
R23
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
R26
GPMC0_AD3
IO
GPMC Data 3 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
T27
GPMC0_AD4
IO
GPMC Data 4 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
T25
GPMC0_AD5
IO
GPMC Data 5 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
T24
GPMC0_AD6
IO
GPMC Data 6 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
T21
GPMC0_AD7
IO
GPMC Data 7 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
T22
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
62
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com