Electronic Components Datasheet Search
  English  ▼

X  

AM6754 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM6754
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6754 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM6754 Datasheet HTML 61Page - Texas Instruments AM6754 Datasheet HTML 62Page - Texas Instruments AM6754 Datasheet HTML 63Page - Texas Instruments AM6754 Datasheet HTML 64Page - Texas Instruments AM6754 Datasheet HTML 65Page - Texas Instruments AM6754 Datasheet HTML 66Page - Texas Instruments AM6754 Datasheet HTML 67Page - Texas Instruments AM6754 Datasheet HTML 68Page - Texas Instruments AM6754 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 237 page
background image
5.3.14.2 MCU Domain
Table 5-39. MCU_MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_MCAN0_RX
I
MCAN Receive Data
D8
MCU_MCAN0_TX
O
MCAN Transmit Data
B2
Table 5-40. MCU_MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_MCAN1_RX
I
MCAN Receive Data
B1
MCU_MCAN1_TX
O
MCAN Transmit Data
C1
5.3.15 MCASP
5.3.15.1 MAIN Domain
Table 5-41. MCASP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCASP0_ACLKR
IO
MCASP Receive Bit Clock
F24
MCASP0_ACLKX
IO
MCASP Transmit Bit Clock
D25
MCASP0_AFSR
IO
MCASP Receive Frame Sync
C27
MCASP0_AFSX
IO
MCASP Transmit Frame Sync
C26
MCASP0_AXR0
IO
MCASP Serial Data (Input/Output)
F23
MCASP0_AXR1
IO
MCASP Serial Data (Input/Output)
B25
MCASP0_AXR2
IO
MCASP Serial Data (Input/Output)
A26
MCASP0_AXR3
IO
MCASP Serial Data (Input/Output)
A25
Table 5-42. MCASP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCASP1_ACLKR
IO
MCASP Receive Bit Clock
H26, J22, P23
MCASP1_ACLKX
IO
MCASP Transmit Bit Clock
F26, N27, P27
MCASP1_AFSR
IO
MCASP Receive Frame Sync
F27, K22, P22
MCASP1_AFSX
IO
MCASP Transmit Frame Sync
H21, M27, V21
MCASP1_AXR0
IO
MCASP Serial Data (Input/Output)
G26, M26, N23
MCASP1_AXR1
IO
MCASP Serial Data (Input/Output)
G27, L21, N22
MCASP1_AXR2
IO
MCASP Serial Data (Input/Output)
H27, K22, N21
MCASP1_AXR3
IO
MCASP Serial Data (Input/Output)
J22, J27, T23
MCASP1_AXR4
IO
MCASP Serial Data (Input/Output)
F27, P22
MCASP1_AXR5
IO
MCASP Serial Data (Input/Output)
H26, P23
Table 5-43. MCASP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCASP2_ACLKR
IO
MCASP Receive Bit Clock
V23
MCASP2_ACLKX
IO
MCASP Transmit Bit Clock
B21, V24
MCASP2_AFSR
IO
MCASP Receive Frame Sync
V22
MCASP2_AFSX
IO
MCASP Transmit Frame Sync
E22, V26
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com