Electronic Components Datasheet Search
  English  ▼

X  

AD1206 Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD1206
Description  Metal Alloy Low Resistance Chip Resistor AD1206 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD1206 Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD1206 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD1206 Series
2 / 5
www.advsemi.com
Feb,2019 -Rev.1.01
ADV
Standard Electrical Specifications
Performance Characteristics
TYPE
Rating
Power at
70°C
T.C.R
(ppm/°C)
Max.
Rating
Current
Max.
Overload
Current
Resistance Range(mΩ)
Material
Operating
Temperature
Range(°C)
F:1%,J:5%
AD1206
1W
≤±50
31.62
63.24
1
MuCuSu
-55~170
°C
1W
≤±50
31.62
63.24
2-7
MuCu
1W
≤±50
31.62
63.24
8-10
FeCrAl
1.5W
≤±50
38.72
77.49
1
MuCuSu
1.5W
≤±50
38.72
77.49
2-7
MuCu
1.5W
≤±50
38.72
77.49
8-10
FeCrAl
FIG.1: Surface Temperature Curve
FIG.2: T.C.R Derating Curve
FIG.3: Derating Curve
0
10
20
30
40
50
60
70
80
90
100
040
60
80
100
20
Rating Power/%
110
120
130
140
150
1m
5m
10m
20m
50m
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
-20
0
20
40
60
80
100
120
Temperature/
Manganin
FeCrAl
Operating
Temperature
100
75
50
25
0
-75
-50
-25
0
25
50
75
100
125
150
175
125
Note:Surfacetemperaturerisetestboardsusealuminumsubstrate



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com