Electronic Components Datasheet Search
  English  ▼

X  

AD1206 Datasheet(PDF) 4 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD1206
Description  Metal Alloy Low Resistance Chip Resistor AD1206 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD1206 Datasheet(HTML) 4 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD1206 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AD1206 Series
4 / 5
www.advsemi.com
Feb,2019 -Rev.1.01
ADV
PACKAGE MECHANICAL DATA
1206Package Dimension
Marking Format
All the other products marking are 4 digits.
“R”designates the decimal location in ohms
e.g.1mΩ the product marking is R001.
25mΩ the product marking is R001.
100mΩ the product marking is R001.
“m” designates the decimal location in milli-ohms
e.g.0.25mΩ the product marking is 0m25.
0.5mΩ the product marking is 0m50.
5.5mΩ the product marking is 5m50.
25.5mΩ the product marking is 25m5.
Recommend Land Pattern Design
TYPE
Power
Rating
Resistance
Range(mΩ)
Dimensions In Millimeters
A
L
W
T
AD1206
1W
1-10
0.6±0.2
3.15±0.2
1.65±0.2
0.75±0.2
1.5W
1-10
0.6±0.2
TYPE
Power
Rating
Resistance
Range(mΩ)
Dimensions In Millimeters
a
b
i
AD1206
1W
1-10
1.80
2.15
1.68
1.5W
1-10
1.80
2.15
1.68
i
Cu Trace
Sensing Trace
b
b
L
A
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com