Electronic Components Datasheet Search
  English  ▼

X  

AD1206 Datasheet(PDF) 3 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD1206
Description  Metal Alloy Low Resistance Chip Resistor AD1206 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD1206 Datasheet(HTML) 3 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD1206 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD1206 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD1206 Series
3 / 5
www.advsemi.com
Feb,2019 -Rev.1.01
ADV
Rating Current
The following equation may be used to determine the DC (Direct Current) or AC (Alternating Current) (RMS,
root mean square value) of normal rated power. However, if the result value exceeds the highest current of
regulated standards (paragraph 7), the highest normal rated power is to be used.
I = Rating current (A)
P= Rating Power (W)
R= Resistance(Ω )
Reliability test and requirement
Test Item
Specifications
Test Methods
Solderability
95%Cover Min
IEC60115-14.17
Lead-free solder bath at 245°C±5°C for 3s±0.3s
T.C.R
Withinspecified
T.C.R
IEC60115-14.8
20°C -120°C
RapidChangeof
Temperature
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.19
-55°C (30min) ~normal
temperature(5min) ~125°C (30min)100 cycles.
Resistanceto
SolderingHeat
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.18
Lead-free solder bath at 260°C±5°C for 10s±1s.
Shorttimeoverload
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.13
2W:Rated powerX4 for 5 seconds;
3W:Rated powerX3 for 5 seconds.
SubstrateBending Test
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.33
(Bending Distance):2mm (duration):60s±5s
DampHeat SteadyState
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.24
40°C±2°C,93%±3%RH,1000 hours,Rated current or limiting
elementcurrentwhicheverislower1.5hON0.5hOFF.
Endurance at 70°C
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.25.1
70°C±2°C,1000h,Rated current or limiting element curret
whicheverislower1.5hON0.5hOFF
EnduranceatUpper
CategoryTemperature
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.25.3
170°C±2°C,1000h
Component
SolventResistance
Nomechanicaldamage
∆R≤±1.0%R
IEC60115-14.29
Iso-propyl alcohol(IPA),23°C±5°C,10h



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com