Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AI Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULN2003AI Datasheet HTML 2Page - Texas Instruments ULN2003AI Datasheet HTML 3Page - Texas Instruments ULN2003AI Datasheet HTML 4Page - Texas Instruments ULN2003AI Datasheet HTML 5Page - Texas Instruments ULN2003AI Datasheet HTML 6Page - Texas Instruments ULN2003AI Datasheet HTML 7Page - Texas Instruments ULN2003AI Datasheet HTML 8Page - Texas Instruments ULN2003AI Datasheet HTML 9Page - Texas Instruments ULN2003AI Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
5.6 Electrical Characteristics: ULN2003A and ULN2004A (continued)
TA = 25°C
PARAMETER
TEST
FIGURE
TEST CONDITIONS
ULN2003A
ULN2004A
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF
5.7 Electrical Characteristics: ULN2003AI
TA = 25°C
PARAMETER
TEST FIGURE
TEST
CONDITIONS
ULN2003AI
UNIT
MIN
TYP
MAX
VI(on)
ON-state input voltage
Figure 6-6
VCE = 2 V
IC = 200 mA
2.4
V
IC = 250 mA
2.7
IC = 300 mA
3
VOH
High-level output voltage after
switching
Figure 6-10
VS = 50 V, IO = 300 mA
VS – 50
mV
VCE(sat)
Collector-emitter saturation voltage
Figure 6-5
II = 250 μA,
IC = 100 mA
0.9
1.1
V
II = 350 μA,
IC = 200 mA
1
1.3
II = 500 μA,
IC = 350 mA
1.2
1.6
ICEX
Collector cutoff current
Figure 6-1
VCE = 50 V,
II = 0
50
μA
VF
Clamp forward voltage
Figure 6-8
IF = 350 mA
1.7
2
V
II(off)
OFF-state input current
Figure 6-3
VCE = 50 V,
IC = 500 μA
50
65
μA
II
Input current
Figure 6-4
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
Figure 6-7
VR = 50 V
50
μA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
5.8 Electrical Characteristics: ULN2003AI
TA = –40°C to 105°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
ULN2003AI
UNIT
MIN
TYP
MAX
VI(on)
ON-state input voltage
Figure 6-6
VCE = 2 V
IC = 200 mA
2.7
V
IC = 250 mA
2.9
IC = 300 mA
3
VOH
High-level output voltage after
switching
Figure 6-10
VS = 50 V, IO = 300 mA
VS – 50
mV
VCE(sat)
Collector-emitter saturation voltage
Figure 6-5
II = 250 μA,
IC = 100 mA
0.9
1.2
V
II = 350 μA,
IC = 200 mA
1
1.4
II = 500 μA,
IC = 350 mA
1.2
1.7
ICEX
Collector cutoff current
Figure 6-1
VCE = 50 V,
II = 0
100
μA
VF
Clamp forward voltage
Figure 6-8
IF = 350 mA
1.7
2.2
V
II(off)
OFF-state input current
Figure 6-3
VCE = 50 V,
IC = 500 μA
30
65
μA
II
Input current
Figure 6-4
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
Figure 6-7
VR = 50 V
100
μA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com