Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button ULN2003AI Datasheet HTML 12Page - Texas Instruments ULN2003AI Datasheet HTML 13Page - Texas Instruments ULN2003AI Datasheet HTML 14Page - Texas Instruments ULN2003AI Datasheet HTML 15Page - Texas Instruments ULN2003AI Datasheet HTML 16Page - Texas Instruments ULN2003AI Datasheet HTML 17Page - Texas Instruments ULN2003AI Datasheet HTML 18Page - Texas Instruments ULN2003AI Datasheet HTML 19Page - Texas Instruments ULN2003AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
8.2.2 Detailed Design Procedure
When using ULN2003A device in a coil driving application, determine the following:
• Input voltage range
• Temperature range
• Output and drive current
• Power dissipation
8.2.2.1 Drive Current
The coil voltage (VSUP), coil resistance (RCOIL), and low-level output voltage (VCE(SAT) or VOL) determine the coil
current.
ICOIL = (VSUP – VCE(SAT)) / RCOIL
(1)
8.2.2.2 Low-Level Output Voltage
The low-level output voltage (VOL) is the same as VCE(SAT) and can be determined by, Figure 5-1, Figure 5-2, or
Figure 5-7.
8.2.2.3 Power Dissipation and Temperature
The number of coils driven is dependent on the coil current and on-chip power dissipation. The number of coils
driven can be determined by Figure 5-4 or Figure 5-5.
For a more accurate determination of number of coils possible, use the below equation to calculate ULN2003A
device on-chip power dissipation PD:
N
D
OLi
Li
i 1
P
V
I
=
=
´
å
(2)
where
• N is the number of channels active together
• VOLi is the OUTi pin voltage for the load current ILi. This is the same as VCE(SAT)
To ensure reliability of ULN2003A device and the system, the on-chip power dissipation must be lower that or
equal to the maximum allowable power dissipation (PD(MAX)) dictated by below equation Equation 3.
A
J MAX
MAX
JA
T
T
PD
T
(3)
where
• TJ(max) is the target maximum junction temperature
• TA is the operating ambient temperature
• RθJA is the package junction to ambient thermal resistance
Limit the die junction temperature of the ULN2003A device to less than 125°C. The IC junction temperature is
directly proportional to the on-chip power dissipation.
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com