Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button ULN2003AI Datasheet HTML 14Page - Texas Instruments ULN2003AI Datasheet HTML 15Page - Texas Instruments ULN2003AI Datasheet HTML 16Page - Texas Instruments ULN2003AI Datasheet HTML 17Page - Texas Instruments ULN2003AI Datasheet HTML 18Page - Texas Instruments ULN2003AI Datasheet HTML 19Page - Texas Instruments ULN2003AI Datasheet HTML 20Page - Texas Instruments ULN2003AI Datasheet HTML 21Page - Texas Instruments ULN2003AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8.3 System Examples
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
8
ULN2002A
P-MOS
Output
VSS
V
Figure 8-4. P-MOS to Load
ULQ2003A
Lam
Test
TTL
Output
VCC
V
1
2
3
4
5
6
9
10
11
12
13
14
15
16
8
7
Figure 8-5. TTL to Load
VDD
V
ULN2004A
ULQ2004A
1
2
3
4
5
6
9
10
11
12
13
14
15
16
8
CMOS
Output
7
Figure 8-6. Buffer for Higher Current Loads
VCC
V
RP
ULQ2003A
1
2
3
4
5
6
9
10
11
12
13
14
15
16
8
TTL
Output
7
Figure 8-7. Use of Pullup Resistors to Increase
Drive Current
8.4 Power Supply Recommendations
This device does not need a power supply. However, the COM pin is typically tied to the system power supply.
When this is the case, it is very important to ensure that the output voltage does not heavily exceed the COM
pin voltage. This discrepancy heavily forward biases the fly-back diodes and causes a large current to flow into
COM, potentially damaging the on-chip metal or over-heating the device.
8.5 Layout
8.5.1 Layout Guidelines
Thin traces can be used on the input due to the low-current logic that is typically used to drive ULN2003A device.
Take care to separate the input channels as much as possible, as to eliminate crosstalk. TI recommends thick
traces for the output to drive whatever high currents that may be needed. Wire thickness can be determined by
the current density of the trace material and desired drive current.
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com