Electronic Components Datasheet Search
  English  ▼

X  

FM3316 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM3316
Description  3V Integrated Processor Companion with Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3316 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM3316 Datasheet HTML 1Page - Ramtron International Corporation FM3316 Datasheet HTML 2Page - Ramtron International Corporation FM3316 Datasheet HTML 3Page - Ramtron International Corporation FM3316 Datasheet HTML 4Page - Ramtron International Corporation FM3316 Datasheet HTML 5Page - Ramtron International Corporation FM3316 Datasheet HTML 6Page - Ramtron International Corporation FM3316 Datasheet HTML 7Page - Ramtron International Corporation FM3316 Datasheet HTML 8Page - Ramtron International Corporation FM3316 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.0
http://www.ramtron.com
Dec. 2006
Page 1 of 28
FM33256/FM3316
3V Integrated Processor Companion with Memory
Features
High Integration Device Replaces Multiple Parts
•
Serial Nonvolatile Memory
•
Real-time Clock (RTC) with Alarm
•
Low VDD Detection Drives Reset
•
Watchdog Window Timer
•
Early Power-Fail Warning/NMI
•
16-bit Nonvolatile Event Counter
•
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
•
256Kb and 16Kb versions
•
Unlimited Read/Write Endurance
•
10 year Data Retention
•
NoDelay™ Writes
Real-time Clock/Calendar
•
Backup Current under 1
µA
•
Seconds through Centuries in BCD format
•
Tracks Leap Years through 2099
•
Uses Standard 32.768 kHz Crystal
•
Software Calibration
•
Supports Battery or Capacitor Backup
Processor Companion
•
Active-low Reset Output for VDD and Watchdog
•
Programmable Low-VDD Reset Thresholds
•
Manual Reset Filtered and Debounced
•
Programmable Watchdog Window Timer
•
Nonvolatile Event Counter Tracks System
Intrusions or other Events
•
Comparator for Power-Fail Interrupt or Other Use
•
64-bit Programmable Serial Number with Lock
Fast SPI Interface
•
Up to 16 MHz Maximum Bus Frequency
•
RTC, Supervisor Controlled via SPI Interface
•
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Easy to Use Configurations
•
Operates from 2.7 to 3.6V
•
Small Footprint “Green” 14-pin SOIC (-G)
•
Low Operating Current, 50
µA Standby Current
•
-40
°C to +85°C Operation
Description
The FM33256 and FM3316 are devices that integrate
FRAM memory with the most commonly needed
functions
for
processor-based
systems.
Major
features include nonvolatile memory, real-time clock,
low-VDD reset, watchdog timer, nonvolatile event
counter, lockable 64-bit serial number area, and
general purpose comparator that can be used for a
power-fail (NMI) interrupt or other purpose. The
devices operate from 2.7 to 3.6V.
Each FM33xx provides nonvolatile RAM available in
memory capacity of 16Kb and 256Kb. Fast write
speed and unlimited endurance allow the memory to
serve as extra RAM or conventional nonvolatile
storage. This memory is truly nonvolatile rather than
battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The processor companion includes commonly needed
CPU
support
functions.
Supervisory
functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST goes
active when VDD drops below a programmable
threshold and remains active for 100 ms (max.) after
VDD rises above the trip point. A programmable
watchdog timer runs from 60 ms to 1.8 seconds. The
timer may also be programmed for a delayed start,
which functions as a window timer. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host within
the time window. A flag-bit indicates the source of
the reset.
A comparator on PFI compares an external input pin
to the onboard 1.5V reference. This is useful for
generating a power-fail interrupt (NMI) but can be
used for any purpose. The family also includes a
programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers an
event counter that tracks the number of rising or
falling edges detected on a dedicated input pin. The
counter can be programmed to be non-volatile under
VDD power or battery-backed using only VBAK. If
VBAK is connected to a battery or capacitor, then
events will be counted even in the absence of VDD.


Similar Part No. - FM3316

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3316 RAMTRON-FM3316 Datasheet
319Kb / 28P
3V Integrated Processor Companion with Memory
More results

Similar Description - FM3316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
3V Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
3V Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com