Electronic Components Datasheet Search
  English  ▼

X  

FM3316 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM3316
Description  3V Integrated Processor Companion with Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3316 Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM3316 Datasheet HTML 1Page - Ramtron International Corporation FM3316 Datasheet HTML 2Page - Ramtron International Corporation FM3316 Datasheet HTML 3Page - Ramtron International Corporation FM3316 Datasheet HTML 4Page - Ramtron International Corporation FM3316 Datasheet HTML 5Page - Ramtron International Corporation FM3316 Datasheet HTML 6Page - Ramtron International Corporation FM3316 Datasheet HTML 7Page - Ramtron International Corporation FM3316 Datasheet HTML 8Page - Ramtron International Corporation FM3316 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
FM33256/FM3316 SPI Companion w/ FRAM
Rev. 1.0
Dec. 2006
Page 3 of 28
Figure 1. Block Diagram
Ordering Information
Base
Configuration
Memory
Size
Operating
Voltage
Max. Clock
Freq.
Reset Thresholds
Ordering Part Number
FM33256
256Kb
2.7-3.6V
16 MHz
2.6V, 2.75, 2.9, 3.0V
FM33256-G
FM3316
16Kb
2.7-3.6V
16 MHz
"
FM3316-G
Other memory configurations may be available. Please contact the factory for more information.
FRAM
Array
SPI
Interface
SCK
SI
RST
CS
PFI
VDD
VBAK
RTC
-
+
RTC Registers
CNT
Special
Function
Registers
S/N
X1
X2
LockOut
+
-
1.5V
Watchdog
LV Detect
Switched Power
512Hz/SqW
RTC Cal.
Battery Backed
Nonvolatile
SO
PFO
ACS
Alarm
Event
Counter
Alarm
VSW
NV/BB User Programmable
Manual Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com