Electronic Components Datasheet Search
  English  ▼

X  

LM3101M Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101M
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101M Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3101M Datasheet HTML 8Page - National Semiconductor (TI) LM3101M Datasheet HTML 9Page - National Semiconductor (TI) LM3101M Datasheet HTML 10Page - National Semiconductor (TI) LM3101M Datasheet HTML 11Page - National Semiconductor (TI) LM3101M Datasheet HTML 12Page - National Semiconductor (TI) LM3101M Datasheet HTML 13Page - National Semiconductor (TI) LM3101M Datasheet HTML 14Page - National Semiconductor (TI) LM3101M Datasheet HTML 15Page - National Semiconductor (TI) LM3101M Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical Applications
CAUTION HIGH VOLTAGE
TLH11436 – 13
Handle with Extreme Care
FIGURE 7 Offline Voltage Mode Flyback Regulator
This 500 kHz Offline Converter delivers 50W (5V
10A)
from an input supply ranging from 90 VAC to 132 VAC (127
VDC to 185 VDC) The regulator achieves a line regulation
of 006% and a load regulation of 005% A 05 mH inductor
and 100 mF capacitor form an LC filter that reduces the
output ripple voltage to 50 mV As shown in
Figure 8 the
regulator can respond to a ‘‘step’’ change in load current
from 1A to 10A in about 12 ms The efficiency of the con-
verter is approximately 80% at full load
TLH11436 – 14
A Output Voltage 500 mVdiv AC Coupled
B Load Current 5Adiv
Horizontal Time Base 20 msdiv
FIGURE 8 Load Step Response
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com