Electronic Components Datasheet Search
  English  ▼

X  

LM3101M Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101M
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101M Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3101M Datasheet HTML 12Page - National Semiconductor (TI) LM3101M Datasheet HTML 13Page - National Semiconductor (TI) LM3101M Datasheet HTML 14Page - National Semiconductor (TI) LM3101M Datasheet HTML 15Page - National Semiconductor (TI) LM3101M Datasheet HTML 16Page - National Semiconductor (TI) LM3101M Datasheet HTML 17Page - National Semiconductor (TI) LM3101M Datasheet HTML 18Page - National Semiconductor (TI) LM3101M Datasheet HTML 19Page - National Semiconductor (TI) LM3101M Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Typical Applications (Continued)
The maximum average current through the secondary and
the diode when the switch is off is the maximum load cur-
rent divided by the inverse of the duty cycle
ISEC(OFF) e ILOAD (1–D(MAX)) e 10A072
e
1390A
15A
The maximum average secondary current for the entire peri-
od is the maximum load current (10A)
The maximum reverse-bias voltage on the output rectifier is
VRV e VIN(MAX)  (NS NP) a VO a VF e
(185V) (185) a 57V e 2747V
30V
A suitable diode for this circuit is the SR1606 which has a
reverse voltage rating of 60V and an average current rating
of 16A
Telecom Converter
The schematic of a flyback regulator used in Telecom appli-
cations is shown in
Figure 11 The circuit has many of the
component values that are in the offline converter Notable
exceptions are the power transformer in which the turns
ratio and primary inductance has changed (due to the
change in the input voltage range) and the Power MOS-
FET which has a lower on-resistance and a lower break-
down voltage rating
The most significant difference in the circuit design is the
change in the mode of operationfrom voltage mode to
current mode For current mode operation the LM3101
Mode Control pin (MC – pin 2) is connected to ground by a
6kX resistor and the Control Mode pin (CMI – pin 6) is
connected to the current sense transformer through a half-
wave rectifier circuit and a low-pass filter The filter is need-
ed to remove the leading edge spike on the current wave-
form caused by the rectifier recovery and interwinding ca-
pacitance of the power transformer
Smaller component differences include reducing the current
sensing resistor in the primary side ground path (to allow for
the larger primary current) and removing a primary side
snubber circuit (due to smaller peak voltages at the drain)
Also the output rectifier and Power MOSFET snubbers are
modified
TLH11436 – 17
FIGURE 11 Telecom Current Mode Flyback Regulator
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com