Electronic Components Datasheet Search
  English  ▼

X  

262G2 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 262G2
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G2 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  262G2 Datasheet HTML 1Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 2Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 3Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 4Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.andersonpower.com
- 22 -
All Data Subject To Change Without Notice
45A Premate Ground PCB Contacts
Right angle contacts are suitable for power or ground. Use to mate with 45A
ground wire contacts. Tin plated contacts are rated up to 1,500 mating cycles.
Can be used with other 45A PCB connectors in the bottom row.
Mating
Loose Piece
Force
------- Part Numbers -------
Minimum Quantity ...................
1000
100 ....
PCB, Bottom Row
Low
3-5952P1
1836G1
Pre-mate wire
connector
[ 45.3 ]
1.78 [ 41.2 ]
1.62
[ 14.7 ]
0.578
[ 7.9 ]
0.31 TYP
[ 8.4 ]
0.33 TYP
[ 7.9 ]
0.31
[ 28.1 ]
1.11
[ 5.6 ]
0.22
[ 3.6 ]
0.14
Mated Pair
| PP15-45 ULTRASONICALLY BONDED ASSEMBLIES |
Assemblies feature housings that are ultrasonically welded to create a one piece connector unit using an APP® special process. After welding,
retaining pins are no longer required to secure the stacked housings to each other. This allows Powerpole® 15-45 connectors to be used as a
durable one piece connector header. Contact customer service for configurations not shown below.
Single Row 1x2 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity ................................
500
500
500
.....
1
2
DC 2 Wire Standard Housings
ASMPP30-1X2-RK
ASMPV45-1X2-RK
ASMPR45-1X2-RK
RED / STD BLK / STD
DC 2 Wire Reverse Standard Housings ASMPP30-1X2-KR
ASMPV45-1X2-KR
ASMPR45-1X2-KR
BLK / STD RED / STD
DC 2 Wire Finger Proof
ASMFP30-1X2-RK
ASMFV45-1X2-RK
ASMFR45-1X2-RK
RED / FP
BLK / FP
DC 2 Wire Finger Proof Reverse
ASMFP30-1X2-KR
ASMFV45-1X2-KR
ASMFR45-1X2-KR
BLK / FP
RED / FP
Single Row 1x3 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity ................................
500
500
500
.....
1
2
3
DC 2 Wire Finger Proof with Ground
ASMFP30-1X3-KER
N/A
ASMFR45-1X3-KER
BLK / FP
GRN / GND RED / FP
AC Single Phase Finger Proof
ASMFP30-1X3-KEW
ASMFV45-1X3-KEW
ASMFR45-1X3-KEW
BLK / FP
GRN / GND WHT / FP
Two Row 2x1 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity ................................
500
500
500
....
1
2
DC 2 Wire Finger Proof
ASMFP30-2X1-KR
ASMFV45-2X1-KR
ASMFR45-2X1-KR
BLK / FP
RED / FP
DC 2 Wire Finger Proof Mate
ASMFP30-2X1-RK
ASMFV45-2X1-RK
ASMFR45-2X1-RK
RED / FP
BLK / FP
Two Row 2x2 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity ................................
500
500
500
.....
1
2
3
4
AC 3 Phase, 3 Wire Finger Proof
ASMFP30-2X2-KRWE
N/A
N/A
BLK / FP RED / FP
WHT / FP
GRN / GND
AC 3 Phase, 3 Wire Finger Proof Mate
ASMFP30-2X2-WEKR
N/A
ASMFR45-2X2-WEKR
WHT / FP GRN / GND BLK / FP
RED / FP
Type
STD = Standard Housing
FP = Finger Proof Housing
GND = Ground Housing
Single Row 1x2 Assembly
Single Row 1x3 Assembly
Two Row 2x1 Assembly
Two Row 2x2 Assembly
1
2
1
2
3
1
2
1
2
3
4
Hood Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com