Electronic Components Datasheet Search
  English  ▼

X  

262G2 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 262G2
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G2 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  262G2 Datasheet HTML 1Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 2Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 3Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 4Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.andersonpower.com
- 20 -
All Data Subject To Change Without Notice
| PP15-45 ORDERING INFORMATION |
PP15-45 series are the smallest Powerpole® housings. They can be used for wire-to-wire or wire-
to-board applications. Wire sizes from #20 AWG (0.75 mm²) to #10 (6 mm²) offer power capabilities
up to 55 amps per pole. Finger proof housings and the ability to incorporate first-mate last-break
ground connectors enhance the capabilities of this Powerpole® series.
High Power Density
• Up to 55 amps in a compact footprint
Wire-to Wire & Wire-to-Board Configurations
• Wire & PCB contacts can be used in the same housings
Finger Proof Housings Available
• Protects against accidental contact with live circuits
Powerpole® Connectors
- PP15 to PP45 :
up to 55 Amps
Finger Proof
Rib Feature
[ 17.27 ]
0.68
[ 3.81 ]
0.15
[ 6.35 ]
0.25
A
Open Barrel Contact
45A Premate Ground Housings
Green housings are keyed to prevent accidental mating
with standard or finger proof Powerpole® housings.
Description
------- Part Number -------
Minimum Quantity ...
2,500
200 ...
Green
1827G1-BK
1827G1
PP15-45 Finger Proof Housings
Improved on the original APP® design by adding ribs to mating interface to protect against accidental
contact with live circuits. Meets the requirements of UL1977 section 10.2 and is rated IP20. Will not
mate with standard housings.
Description
------------ Part Numbers ------------
Minimum Quantity ...
2,500
200 .....
Red
1327FP-BK
1327FP
Green
1327G5FP-BK
1327G5FP
Black
1327G6FP-BK
1327G6FP
White
1327G7FP-BK
1327G7FP
Blue
1327G8FP-BK
1327G8FP
Yellow
1327G16FP-BK
1327G16FP
PP15-45 Standard Housings
The original housing design has an open interface and is available
in a wide array of colors. Will not mate with finger proof housings.
Description
------- Part Numbers ------
Minimum Quantity ...
2,500
200 ...
Red
1327-BK
1327
Green
1327G5-BK
1327G5
Black
1327G6-BK
1327G6
White
1327G7-BK
1327G7
Blue
1327G8-BK
1327G8
Yellow
1327G16-BK
1327G16
Orange
1327G17-BK
1327G17
Gray
1327G18-BK
1327G18
Brown
1327G21-BK
1327G21
Pink
1327G22-BK
1327G22
Purple
1327G23-BK
1327G23
PP15-45 Tin Plated Power Contacts
Offer cost effective performance up to 1,500 mating cycles. See specifications and temperature
charts for amperage ratings by wire size.
Dimensions
Mating Loose Piece
Reeled
- A -
Barrel AWG
mm²
Force -------- Part Numbers -------
inches
mm
Minimum Quantity .......................................
200
5,000
.........................
Open 14 to 10 K*
2.1 to 5.3
High
269G3-LPBK
269G3
0.21
5.33
Open 14 to 10 K*
2.1 to 5.3
Low
261G2-LPBK
261G2
0.20
5.08
Open 14 to 10 SF* 2.1 to 6.0
High
201G1H-LPBK
201G1H 0.24
6.10
Open 14 to 10 SF* 2.1 to 6.0
Low
200G1L-LPBK
200G1L
0.24
6.10
Open 16 to 12
1.3 to 3.3
High
269G1-LPBK
269G1
0.18
4.57
Open 16 to 12
1.3 to 3.3
Low
261G1-LPBK
261G1
0.18
4.57
Open 20 to 16
0.52 to 1.3 High
269G2-LPBK
269G2
0.16
4.06
Open 20 to 16
0.52 to 1.3 Low
262G1-LPBK
262G1
0.16
4.06
Open 20 to 16 SF* 0.52 to 1.5 Low
200G2L-LPBK
200G2L
0.20
5.08
K* - For #10 AWG class K stranded wire or smaller. For larger wires use superflex contacts.
SF*- Indicates wires with high stranding such as Super Flex.
PP15-45 Finger Proof & Standard & Ground Housing Dimensions
Front View
Mated Length
[ 24.6 ]
0.97
[ 41.2 ]
1.62
[ 8.4 ]
0.33
[ 7.9 ]
0.31
[ 7.9 ]
0.31


Similar Part No. - 262G2

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
262G2 APP-262G2 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
262G2-LPBK APP-262G2-LPBK Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
More results

Similar Description - 262G2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com