Electronic Components Datasheet Search
  English  ▼

X  

262G2 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # 262G2
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G2 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

Back Button 262G2 Datasheet HTML 3Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 4Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 9Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 10Page - Anderson Power Products, Inc. 262G2 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.andersonpower.com
- 26 -
All Data Subject To Change Without Notice
| PP15-45 & POWERPOLE® PAK SPECIFICATIONS |
Electrical
Current Rating Amperes¹
UL 1977 CSA/TUV
Singlepole Wire to Wire (10 AWG)
55
40
Singlepole Ground Wire to Wire or PCB (10 AWG) 45
35
3x3 Block Wire to Wire (10 AWG)
40
27
Singlepole 25A PCB to Wire (12 AWG)
25
-
2x3 Block 25A PCB to Wire (12 AWG)
25
22 *
Singlepole 45A PCB to Wire (10 AWG)
45
40 *
2x3 Block 45A PCB to Wire (10 AWG)
45
25 *
Voltage Rating AC/DC
UL 1977
600
PCB Connector Recommended Voltage³
per IEC 60950-1 Table 2L Pollution Degree2
25A Contacts Adjacent Poles
495
25A Contacts Separated by Spacer
1,000
45A Contacts Adjacent Poles
160
45A Contacts Separated by Spacer
970
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
15A Wire Contact with 5/8” of #16 AWG
0.875
30A Wire Contact with 5/8” of #12 AWG
0.600
45A Wire Contact with 5/8” of #10 AWG
0.525
45A PCB Contact to Contact
0.500
25A PCB Contact to Contact
0.600
UL Hot Plug Current Rating Amperes
250 cycles at 72V DC
45A
250 cycles at 120V DC
30A
UL Ground Short Time Current Test - 45A Premate Ground
750 Amps, #10 AWG Wire
4 Seconds
470 Amps, #12 AWG Wire
4 Seconds
Mechanical
Wire Size Range
AWG
mm²
20 to 10
0.75 to 6.0
Max. Wire Insulation Diameter
in.
mm
0.175
4.450
Operating Temperature²
°F
°C
Powerpole® Housings & Powerpole® Pak Shells
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
PCB to Wire
-
1,500
Wire to Wire
10,000
1,500
Avg. Mating / Unmating Force
Lbf.
N
Low Force Wire, High Force PCB, & Ground
3
13
High Force Wire
5
22
Low Force PCB
2
9
Min. Contact / Spring Retention Force
Lbf.
N
20
90
Powerpole® Pak Latch Avg. Defeat Force
Lbf.
N
150
667
PCB Specifications
Mounting Style
Plated Through Hole
PCB Thickness- in. [mm]
0.090 - 0.150
(2.3-3.8)
25A PCB Recommended Traces
#12 AWG Cross Section
45A PCB Recommended Traces
#10 AWG Cross Section
Min. Creepage / Clearance Distance PCB
in.
mm
25A Creepage & Clearance Adjacent Poles
0.201
5.1
45A Creepage & Clearance Adjacent Poles
0.067
1.7
Mechanical Shock 4
MIL-STD-202
213 Condition A
50g’s
Vibration High Frequency 4
MIL-STD-202
204 Condition A
10g’s
Materials
Housing
Plastic Resin
Polycarbonate
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Contact
Base
Copper Alloy
Plating
Tin or Silver
Contact Termination Methods
Crimp³
Wire Contacts
Hand Solder
1331, 1332 & PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts
Protection
Touch Safety with Finger Proof Housings & Wire
Contacts or PCB Mating Interface
UL1977 Sec. 10.2
Pass
IEC 60950
Pass
IEC 60529
IP20
Touch Safety Standard Housings
IEC 60529
IP10
* No TUV Recognition
1
Based on: 105°C rated or better cable of the largest size, Properly calibrated APP®
recommended tooling, and a 25°C ambient temperature. UL rating not to exceed the
maximum operating temperature. CSA rating below a 30°C temperature rise.
2
Limited by the thermal properties of the connector plastic housing.
3
Use APP® recommended tooling only. Alternate tools may adversely affect the
performance of our connectors along with UL and CSA recognition.
4
Tested with contact part number 261G2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com