Electronic Components Datasheet Search
  English  ▼

X  

TP2050 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TP2050 Datasheet HTML 1Page - Tripath Technology Inc. TP2050 Datasheet HTML 2Page - Tripath Technology Inc. TP2050 Datasheet HTML 3Page - Tripath Technology Inc. TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
4
TP2050– KL/1.0/07.05
TP 205 0 POW E R S T AG E PI N DE SCR I P T I ON S
Pin
Function
Description
1
GND-SUB
Substrate ground
35,36
VccSign
Signal positive supply
15
Vcc1A
Positive supply
12
Vcc1B
Positive supply
7
Vcc2A
Positive supply
4
Vcc2B
Positive supply
14
GND1A
Negative supply
13
GND1B
Negative supply
6
GND2A
Negative supply
5
GND2B
Negative supply
16,17
OUT1A
Output half bridge 1A
10,11
OUT1B
Output half bridge 1B
8,9
OUT2A
Output half bridge 2A
2,3
OUT2B
Output half bridge 2B
29
IN1A
Input of half bridge 1A
30
IN1B
Input of half bridge 1B
31
IN2A
Input of half bridge 2A
32
IN2B
Input of half bridge 2B
21,22
Vdd
5V regulator referenced to ground
33,34
Vss
5V regulator referenced to Vcc
25
PWRDN
Stand-by pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault output
24
CONFIG
Config input
28
TH-WAR
Thermal warning output
19
GND-clean
Logic ground
23
IBIAS
Logic threshold setting pin
18
NC
Not connected
20
GND-Reg
Ground for Vdd regulator
TP205 0 POW E R STAG E PINOUT
(Top view with heat slug up)
OUT2B
OUT2B
VCC2B
GND2B
GND2A
VCC2A
OUT2A
OUT2A
OUT1B
OUT1B
VCC1B
GND1B
GND1A
VCC1A
OUT1A
OUT1A
NC
GNDSUB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
GNDCLEAN
GNDREG
IBIAS
CONFIG
PWRDN
TRISTATE
FAULT
TH_WAR
IN1A
IN1B
IN2A
IN2B
VSS
VSS
VCCSIGN
VCCSIGN
VCC
VCC
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com