Electronic Components Datasheet Search
  English  ▼

X  

TP2050 Datasheet(PDF) 7 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 7 Page - Tripath Technology Inc.

Back Button TP2050 Datasheet HTML 3Page - Tripath Technology Inc. TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. TP2050 Datasheet HTML 10Page - Tripath Technology Inc. TP2050 Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
7
TP2050– KL/1.0/07.05
EXTERNAL COM P ONENTS DESCR I PTION (Refer to the Application/Test Circuit)
Component
Description
CS
Supply decoupling for the power supply pins. For optimum performance, these
components should be located close to the TC2000/TP2050 and returned to their
respective ground as shown in the Application/Test Circuit.
CZ
Zobel capacitor, which in conjunction with RZ, terminates the output filter at high
frequencies. Use a high quality film capacitor capable of sustaining the ripple current
caused by the switching outputs.
RZ
Zobel resistor, which in conjunction with CZ, terminates the output filter at high
frequencies. The combination of RZ and CZ minimizes peaking of the output filter
under both no load conditions or with real world loads, including loudspeakers which
usually exhibit a rising impedance with increasing frequency. The recommended
power rating is 1 Watt.
LO
Output inductor, which in conjunction with CO, demodulates (filters) the switching
waveform into an audio signal. Forms a second order filter with a cutoff frequency
of
)
C
L
2
(
1
f
O
O
C
π
=
and a quality factor of
O
O
O
L
C
L
C
R
Q
=
.
CO
Output capacitor, which in conjunction with LO, demodulates (filters) the switching
waveform into an audio signal. Forms a second order low-pass filter with a cutoff
frequency of
)
C
L
2
(
1
f
O
O
C
π
=
and a quality factor of
O
O
O
L
C
L
C
R
Q
=
.
Use
a high quality film capacitor capable of sustaining the ripple current caused by the
switching outputs. Electrolytic capacitors should not be used.
CHBR
High-frequency bypass capacitor for VCC – GND on each supply pin. A 50V rating is
required for this component.
CSN
Optional snubber capacitor, which in conjunction with RSN, reduces overshoot on
non-optimal layouts. Only required if switching output overshoot is above rated
voltage of TP2500. Use low-dissipation type (NPO).
RSN
Optional snubber resistor, which in conjunction with CSN, reduces overshoot on non-
optimal layouts. Only required if switching output overshoot is above rated voltage
of TP2500. Required ¼ Watt rating.
CDM
Differential mode capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com