Electronic Components Datasheet Search
  English  ▼

X  

TP2050 Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. TP2050 Datasheet HTML 10Page - Tripath Technology Inc. TP2050 Datasheet HTML 11Page - Tripath Technology Inc. TP2050 Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
8
TP2050– KL/1.0/07.05
TYPICAL PERFOR MANCE C H ARACTERISTIC S (in conjunction with TC2000 / TC2001)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
2
100
5
10
20
50
Output Power (W)
THD+N vs Output Power
f = 1kHz
RL= 6
Ω
VDD=23.5V
AES 17 Filter
1
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
2
100
5
10
20
50
Output Power (W)
THD+N vs Output Power
f = 1kHz
RL= 8
Ω
VDD=30V
AES 17 Filter
1
0.0005
1
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
THD+N vs Frequency
Po = 10W /ch
RL = 6Ω
Vcc=23.5V
BW = AES17
0.0005
1
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
THD+N vs Frequency
Po = 10W /ch
RL = 8Ω
Vcc=30V
BW = AES17
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Intermodulation Distortion
19kHz, 20kHz 1:1
Po = 16.6W/ch, 6
Ω
0dBr = 10.0Vrms
Vcc=23.5V
BW = 22Hz - 30kHz
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Intermodulation Distortion
19kHz, 20kHz 1:1
Po = 12.5W/ch, 8
Ω
0dBr = 10.0Vrms
Vcc=30V
BW = 22Hz - 30kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com