Electronic Components Datasheet Search
  English  ▼

X  

W99685FS Datasheet(PDF) 1 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 1 Page - Winbond

  W99685FS Datasheet HTML 1Page - Winbond W99685FS Datasheet HTML 2Page - Winbond W99685FS Datasheet HTML 3Page - Winbond W99685FS Datasheet HTML 4Page - Winbond W99685FS Datasheet HTML 5Page - Winbond W99685FS Datasheet HTML 6Page - Winbond W99685FS Datasheet HTML 7Page - Winbond W99685FS Datasheet HTML 8Page - Winbond W99685FS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
W99685FS Data Sheet
SYSTEM CAMERA DEVICE
Publication Release Date: April 13, 2005
- 1 -
Revision A4
Table of Contents-
1.
GENERAL DESCRIPTION ......................................................................................................... 2
2.
FEATURES ................................................................................................................................. 2
3.
APPLICATION ............................................................................................................................ 6
3.1
System Overview............................................................................................................ 6
3.2
Host Interface ................................................................................................................. 6
3.3
USB Interface with PC .................................................................................................... 8
3.4
Camera Implementation ................................................................................................. 9
4.
PIN DESCRIPTION................................................................................................................... 10
4.1
W99685FS Pin Definition (108 balls, LFBGA Package)............................................... 10
4.2
W99685FS-108b Pin Assignment – (Top View)........................................................... 14
5.
ELECTRICAL CHARACTERISTICS......................................................................................... 17
5.1
Absolute Maximum Ratings .......................................................................................... 17
5.2
D.C. Characteristics...................................................................................................... 17
5.3
A.C. Characteristics ...................................................................................................... 18
5.3.1
RESET A.C. Characteristics...........................................................................................18
5.3.2
Video Input A.C. Characteristics.....................................................................................18
5.3.3
Host Interface: CF-IDE Slave (Memory Bus) A.C. Characteristics .................................19
5.3.4
LCD Interface A.C. Characteristics.................................................................................20
6.
PACKAGE DIMENSION ........................................................................................................... 21
6.1
108L LFBGA (8 x 8 mm, Ball pitch: 0.5 mm, Ø = 0.3 mm) ........................................... 21
7.
REVISION HISTORY ................................................................................................................22


Similar Part No. - W99685FS

ManufacturerPart #DatasheetDescription
logo
Winbond
W99685BS WINBOND-W99685BS Datasheet
253Kb / 20P
SYSTEM CAMERA DEVICE
More results

Similar Description - W99685FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS300-CR3 ETC1-ICS300-CR3 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
logo
Sony Corporation
CX23047A SONY-CX23047A Datasheet
534Kb / 10P
CCD Camera Scanning System Timming Signal Generator
logo
Winbond
W99685BS WINBOND-W99685BS Datasheet
253Kb / 20P
SYSTEM CAMERA DEVICE
logo
A1 PROs co., Ltd.
AI1001S A1PROS-AI1001S Datasheet
66Kb / 8P
Vertical Clock Driver for Camera System
Ver1.0
AI1002 A1PROS-AI1002 Datasheet
136Kb / 9P
Vertical Clock Driver for Camera System
AI1003 A1PROS-AI1003 Datasheet
101Kb / 8P
Vertical Clock Driver for Camera System
logo
Richtek Technology Corp...
RT9719 RICHTEK-RT9719 Datasheet
186Kb / 10P
Charging System Safety Device
RT9730 RICHTEK-RT9730 Datasheet
167Kb / 9P
Charging System Safety Device
logo
SICK AG
VLC100-0201000 SICK-VLC100-0201000 Datasheet
820Kb / 6P
Camera system
2016-03-09
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
Camera Monitoring System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com