Electronic Components Datasheet Search
  English  ▼

X  

W99685FS Datasheet(PDF) 20 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 20 Page - Winbond

Back Button W99685FS Datasheet HTML 14Page - Winbond W99685FS Datasheet HTML 15Page - Winbond W99685FS Datasheet HTML 16Page - Winbond W99685FS Datasheet HTML 17Page - Winbond W99685FS Datasheet HTML 18Page - Winbond W99685FS Datasheet HTML 19Page - Winbond W99685FS Datasheet HTML 20Page - Winbond W99685FS Datasheet HTML 21Page - Winbond W99685FS Datasheet HTML 22Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
W99685FS
- 20 -
5.3.4
LCD Interface A.C. Characteristics
LCS_
LA0
LDATA[15:0]
80 Mode : LWR#
Valid Data
TLCSH
TLCSS
TLDOD
TLDOH
TLWR
TLAS
TLAH
68 Mode : LE
TLE
Figure 5.4 LCD Interface Timing Diagram
LCD Interface Timing
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
TLCSS
Chip Select Set-up Time
0.5
---
PCLK
TLCSH
Chip Select Hold Time
0.5
---
PCLK
TLAS
Address Set-up Time
1
---
PCLK
TLAH
Address Hold Time
1
---
PCLK
TLDOD
Write Data Active Delay
5
---
nS
TLDOH
Write Data Hold Time
0.5
---
PCLK
TLWR
LWR# Pulse Width
80 Mode
0.5
PCLK
TLE
LE Pulse Width
68 Mode
0.5
PCLK
Table 5-6
Note: PCLK => Engine Clock / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com