Electronic Components Datasheet Search
  English  ▼

X  

W99685FS Datasheet(PDF) 3 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 3 Page - Winbond

  W99685FS Datasheet HTML 1Page - Winbond W99685FS Datasheet HTML 2Page - Winbond W99685FS Datasheet HTML 3Page - Winbond W99685FS Datasheet HTML 4Page - Winbond W99685FS Datasheet HTML 5Page - Winbond W99685FS Datasheet HTML 6Page - Winbond W99685FS Datasheet HTML 7Page - Winbond W99685FS Datasheet HTML 8Page - Winbond W99685FS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
W99685FS
Publication Release Date: April 13, 2005
- 3 -
Revision A4
Sensor Interface
• Support CCIR-656 8-bit YUV interface
• Supports fast serial interface to program image sensor.
Host Interface
• 8/16 bits parallel Bus (Indirect access)
Easy for base band chip( Host ) to develop Camera function through Command set
protocol.
LCD Display Interface
• Support up to dual LCD Panels interface
• Supports MCU type interface LCD module
• Supports 8/16/18-bit display data output to LCD Penal
• Support 4 kinds of display data format out to LCD Penal
− 256 colors (RGB-332)
− 4096 colors (RGB-444)
− 64k colors (RGB-565)
− 256k colors (RGB-666)
• Support LCD interface bypass mode
• Support TFT-LCD, CSTN-LCD, STN-LCD Panel Types
•
If camera function is active, the host CPU can use W99685FS as the bridge (display controller)
to LCM. And it can provide multiple display buffers.
•
If camera function is disabled, the host CPU can use bypass mode to control the LCM directly
for maximum power saving.
JPEG CODEC for Image Compression and Decompression
• Fully compliant with ISO/IEC 10918-1 international JPEG standard
• JPEG compression and decompression for still images
• Real-time motion JPEG (M-JPEG) compression with advanced bit rate control for live video
• JPEG baseline sequential mode in interleaved scan YcbCr(4:2:2) or YcbCr(4:2:0) format
• Support adjustable quantization table for different compression ratio
• Support smooth digital zoom
• Support JPEG re-sizing and re-encoding
Operation Modes
• Preview ModeFrame rate up to 30 fps
• Single Snapshot Mode
• Burst Snapshot Mode
− Support up to 10 frames burst snapshot at 1/30 sec interval
•
Movie Mode (Motion JPEG)
− About 15 seconds recording time with 800K bytes vedio buffer at 160x120 size @ 15 fps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com