Electronic Components Datasheet Search
  English  ▼

X  

KY-020 Datasheet(PDF) 15 Page - AG Electronica

Part # KY-020
Description  Kit De Sensores Y Actuadores Compatibles Con Ardui
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

KY-020 Datasheet(HTML) 15 Page - AG Electronica

Back Button KY-020 Datasheet HTML 11Page - AG Electronica KY-020 Datasheet HTML 12Page - AG Electronica KY-020 Datasheet HTML 13Page - AG Electronica KY-020 Datasheet HTML 14Page - AG Electronica KY-020 Datasheet HTML 15Page - AG Electronica KY-020 Datasheet HTML 16Page - AG Electronica KY-020 Datasheet HTML 17Page - AG Electronica KY-020 Datasheet HTML 18Page - AG Electronica KY-020 Datasheet HTML 19Page - AG Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Descripción: Módulo foto-interruptor que funciona con Arduino. Si el
sensor es accionado entonces el LED se enciende.
Especificaciones:
El módulo debe conectarse de la siguiente manera con el Arduino:
 Pin izquierdo: GND
 Pin medio: +5V
 Pin derecho: Señal
 Pin GND del Arduino con GND del modulo
 Pin 3 del Arduino con Pin de señal del modulo
 Pin 5V del Arduino con el Pin 5V del modulo
Código:
int Led = 13 ;// define LED Interface
int buttonpin = 3; // define the photo interrupter sensor interface
void setup (){
pinMode (Led, OUTPUT) ;// define LED as output interface
pinMode (buttonpin, INPUT) ;// define the photo interrupter sensor
output interface
}
void loop ()
{
val = digitalRead (buttonpin) ;// digital interface a value of 3 to read val
if (val == HIGH) // When the light sensor detects a signal is interrupted,
LED flashes
{
digitalWrite (Led, HIGH);
}
else
{
digitalWrite (Led, LOW);
}
}
Arduino KY-010: Modulo Sensor Fotoeléctrico
Tipo U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com