Electronic Components Datasheet Search
  English  ▼

X  

440SP Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 6Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 7Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 8Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 9Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 10Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 11Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 12Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 13Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
PowerPC 440SP Embedded Processor
10
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
– 32- and 64-byte burst transfers
– 166MHz, maximum 5.2GB/s (simultaneous read and write)
– Processor:Bus clock ratios of N:1 and N:2
•OPB
– Dynamic bus sizing: 32-, 16-, and 8-bit data path
– 32-bit address
– 83.33MHz, maximum 333MB/s
• DCR
– 32-bit data path
– 10-bit address
On-Chip SRAM/L2 Cache
Features include:
• Four banks of 64KB each for a total of 256KB
• Configurable as either L2 cache or SRAM
• Memory cycles supported:
– Single beat read and write, 1 to 16 bytes
– Quadword Read and Write burst for 12-bit master
– Guarded memory accesses on 4KB boundaries
• Sustainable 2.6GB/s peak bandwidth at 166MHz
• Use as an L2 cache improves processor performance and reduces the PLB load
– Cache coherency maintained by a hardware snoop mechanism on the Low Latency (LL) PLB or by
software
– Data Array and Tag Array parity
– Unified data and instruction cache
– Four-way set associative
– 36-bit addressing
– Full LRU replacement algorithm
– Write through, look aside
• Use as Ethernet packet store allows Ethernet packets to be held for processing by the Ethernet core
DDR PCI-X Interface
The DDR PCI-X interface allows connection of PCI and PCI-X devices to the PowerPC processor and local
memory. There are three separate interfaces supporting 32- and 64-bit PCI-X buses in DDR mode. All three
interfaces can be configured for either host or adapter mode. PCI 32/64-bit legacy mode, compatible with PCI
Version 2.3, is also supported.
Features include:
•PCI-X 2.0
– Split transactions
– Frequency to 266MHz
– 32- and 64-bit address/data bus
– ECC supported for 266MHz Mode 2 only
• PCI 2.3 backward compatibility
– Frequency to 66MHz
– 32- and 64-bit bus
• Can be the PCI Host Bus Bridge or an Adapter Device PCI interface
• Optional PCI arbitration function with PCI and PCI-X mode 1, supporting up to four external devices, that can
be disabled for use with an external arbiter
• Support for Message Signaled Interrupts (MSI) on both in- and out-bound interrupts
• Simple message passing capability
• Asynchronous to the PLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com