Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 9Page - Texas Instruments OPA691 Datasheet HTML 10Page - Texas Instruments OPA691 Datasheet HTML 11Page - Texas Instruments OPA691 Datasheet HTML 12Page - Texas Instruments OPA691 Datasheet HTML 13Page - Texas Instruments OPA691 Datasheet HTML 14Page - Texas Instruments OPA691 Datasheet HTML 15Page - Texas Instruments OPA691 Datasheet HTML 16Page - Texas Instruments OPA691 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
13
TYPICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +4, RF = 453Ω, and RL = 100Ω, unless otherwise noted.
NONINVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
3
0
−3
−6
−9
−12
−15
−18
See Figure 3
G= +1
R
F = 549Ω
G= +2
R
F =511Ω
G= +4
R
F = 453Ω
G= +8
R
F =332Ω
INVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
3
0
−3
−6
−9
−12
−15
−18
See Figure 4
G=
−1
R
F =549Ω
G=
−2
R
F =511Ω
G=
−4
R
F =453Ω
G=
−8
R
F =402Ω
NONINVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
15
12
9
6
3
0
−3
−6
V
O =3VPP
V
O =1VPP
V
O =2VPP
G= +4
R
L =100Ω to VS/2
SeeFigure3
INVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
15
12
9
6
3
0
−3
−6
V
O =3VPP
V
O =1VPP
V
O =2VPP
G=
−4
R
L =100Ω to VS/2
SeeFigure4
NONINVERTING PULSE RESPONSE
Time (5ns/div)
2V
PP Large Signal
200mV
PP Small Signal
Left Scale
Right Scale
G= +4
R
L =100Ω to VS/2
See Figure 3
INVERTING PULSE RESPONSE
Time (5ns/div)
2V
PP Large Signal
200mV
PP Small Signal
Left Scale
Right Scale
G=
−4
R
L =100Ω to VS/2
SeeFigure4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com