Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 17Page - Texas Instruments OPA691 Datasheet HTML 18Page - Texas Instruments OPA691 Datasheet HTML 19Page - Texas Instruments OPA691 Datasheet HTML 20Page - Texas Instruments OPA691 Datasheet HTML 21Page - Texas Instruments OPA691 Datasheet HTML 22Page - Texas Instruments OPA691 Datasheet HTML 23Page - Texas Instruments OPA691 Datasheet HTML 24Page - Texas Instruments OPA691 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
21
supplies. Evaluating the denominator of Equation 15
(which is the feedback transimpedance) gives an optimal
target of 490
Ω. As the signal gain changes, the
contribution of the NG
× RI term in the feedback
transimpedance changes, but the total can be held
constant
by adjusting RF. Equation 16 gives an
approximate equation for optimum RF over signal gain:
R
F
+ 490 * NG
R
I
As the desired signal gain increases, this equation
eventually suggests a negative RF. A somewhat subjective
limit to this adjustment can also be set by holding RG to a
minimum value of 20
Ω. Lower values load both the buffer
stage at the input and the output stage if RF gets too
low
actually decreasing the bandwidth. Figure 11 shows
the recommended RF versus NG for both ±6V and a single
+5V operation. The values for RF versus gain shown here
are approximately equal to the values used to generate the
Typical Characteristics. They differ in that the optimized
values used in the Typical Characteristics are also
correcting for board parasitic not considered in the
simplified analysis leading to Equation 16. The values
shown in Figure 11 give a good starting point for designs
where bandwidth optimization is desired.
600
500
400
300
200
Noise Gain
025
10
15
20
5
+5V
R
G =20Ω
±6V
Figure 11. Feedback Resistor vs Noise Gain
The total impedance going into the inverting input may be
used to adjust the closed-loop signal bandwidth. Inserting
a series resistor between the inverting input and the
summing junction increases the feedback impedance (the
denominator of Equation 15), decreasing the bandwidth.
The internal buffer output impedance for the OPA2674 is
slightly influenced by the source impedance coming from
of the noninverting input terminal. High-source resistors
also have the effect of increasing RI, decreasing the
bandwidth. For those single-supply applications that
develop a midpoint bias at the noninverting input through
high valued resistors, the decoupling capacitor is essential
for power-supply ripple rejection, noninverting input noise
current shunting, and to minimize the high-frequency
value for RI in Figure 10.
INVERTING AMPLIFIER OPERATION
As the OPA2674 is a general-purpose, wideband
current-feedback op amp, most of the familiar op amp
application circuits are available to the designer. Those
dual op amp applications that require considerable
flexibility
in
the
feedback
element
(for
example,
integrators, transimpedance, and some filters) should
consider a unity-gain stable, voltage-feedback amplifier
such as the OPA2822, because the feedback resistor is
the compensation element for a current-feedback op amp.
Wideband inverting operation (and especially summing) is
particularly suited to the OPA2674. Figure 12 shows a
typical inverting configuration where the I/O impedances
and signal gain from Figure 1 are retained in an inverting
circuit configuration.
1/2
O P A 267 4
R
F
392
Ω
R
G
97.6
Ω
+6V
−6V
50
Ω
50
Ω Load
V
O
Power−supply
decoupling not
shown.
V
I
50
Ω
Source
R
M
102
Ω
Figure 12. Inverting Gain of −4 with Impedance
Matching
In
the
inverting
configuration,
two
key
design
considerations must be noted. First, the gain resistor (RG)
becomes part of the signal source input impedance. If
input impedance matching is desired (which is beneficial
whenever the signal is coupled through a cable, twisted
pair, long PCB trace, or other transmission line conductor),
it is normally necessary to add an additional matching
resistor to ground. RG, by itself, normally is not set to the
required input impedance since its value, along with the
desired gain, will determine an RF, which may be
nonoptimal from a frequency response standpoint. The
total input impedance for the source becomes the parallel
combination of RG and RM.
The second major consideration is that the signal source
impedance becomes part of the noise gain equation and
has a slight effect on the bandwidth through Equation 15.
The values shown in Figure 12 have accounted for this by
slightly decreasing RF (from the optimum values) to
reoptimize the bandwidth for the noise gain of Figure 12
(NG = 3.98). In the example of Figure 12, the RM value
combines in parallel with the external 50
Ω source
impedance, yielding an effective driving impedance of
50
Ω || 102Ω = 33.5Ω. This impedance is added in series
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com