Electronic Components Datasheet Search
  English  ▼

X  

CAT522 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT522 Datasheet HTML 2Page - Catalyst Semiconductor CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor CAT522 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT522
Doc. No. MD-2004 Rev. F
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin
Name
Function
1
VDD
Power supply positive
2
CLK
Clock input pin
3
RDY/BSY
¯¯¯¯ Ready/Busy output
4
CS
Chip select
5
DI
Serial data input pin
6
DO
Serial data output pin
7
PROG
EEPROM Programming Enable
Input
8
GND
Power supply ground
9
VREFL1
Minimum DPP1 output voltage
10
VREFL2
Minimum DPP2 output voltage
11
VOUT2
DPP2 output
12
VOUT1
DPP1 output
13
VREFH2
Maximum DPP2 output voltage
14
VREFH1
Maximum DPP1 output voltage
DPP addressing is as follows:
DPP OUTPUT
A0
A1
VOUT1
0
1
VOUT2
1
1
DEVICE OPERATION
The CAT522 is a dual 8-bit configured digitally
programmable potentiometer (DPP) whose outputs
can be programmed to any one of 256 individual
voltage steps.
Once programmed, these output
settings are retained in non-volatile memory and will
not be lost when power is removed from the chip.
Upon power up the DPPs return to the settings stored
in non-volatile memory. Each DPP can be written to
and read from independently without effecting the
output voltage during the read or write cycle. Each
output can also be
adjusted without altering the
stored output setting, which is useful for testing new
output settings before storing them in memory.
DIGITAL INTERFACE
The CAT522 employs a 3 wire serial, Microwire-like
control interface consisting of Clock (CLK), Chip
Select (CS) and Data In (DI) inputs.
For all
operations, address and data are shifted in LSB first.
In addition, all digital data must be preceded by a logic
“1” as a start bit. The DPP address and data are
clocked into the DI pin on the clock’s rising edge.
When sending multiple blocks of information a
minimum of two clock cycles is required between the
last block sent and the next start bit.
Multiple devices may share a common input data line
by selectively activating the CS control of the desired
IC. Data Outputs (DO) can also share a common line
because the DO pin is Tri-Stated and returns to a high
impedance when not in use.
CHIP SELECT
Chip Select (CS) enables and disables the CAT522’s
read and write operations. When CS is high data may
be read to or from the chip, and the Data Output (DO)
pin is active. Data loaded into the DPP control regis–
ters will remain in effect until CS goes low. Bringing
CS to a logic low returns all DPP outputs to the
settings stored in non-volatile memory and switches
DO to its high impedance Tri-State mode.
Because CS functions like a reset the CS pin has
been desensitized with a 30 ns to 90 ns filter circuit to
prevent noise spikes from causing unwanted resets
and the loss of volatile data.
CLOCK
The CAT522’s clock controls both data flow in and out
of the IC and non-volatile memory cell programming.
Serial data is shifted into the DI pin and out of the DO
pin on the clock’s rising edge. While it is not neces–
sary for the clock to be running between data
transfers, the clock must be operating in order to write
to non-volatile memory, even though the data being



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com