Electronic Components Datasheet Search
  English  ▼

X  

CAT522 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT522 Datasheet HTML 1Page - Catalyst Semiconductor CAT522 Datasheet HTML 2Page - Catalyst Semiconductor CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT522
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-2004 Rev. F
Characteristics subject to change without notice
Configured Digitally Programmable Potentiometer (DPP™):
Programmable Voltage Applications
FEATURES
Two 8-bit DPPs configured as programmable
voltage sources in DAC-like applications
Independent reference inputs
Non-volatile NVRAM memory wiper storage
Output voltage range includes both supply rails
2 independently addressable buffered
output wipers
1 LSB accuracy, high resolution
Serial Microwire-like interface
Single supply operation: 2.7V - 5.5V
Setting read-back without effecting outputs
For Ordering Information details, see page 14.
APPLICATIONS
Automated product calibration.
Remote control adjustment of equipment
Offset, gain and zero adjustments in self-
calibrating and adaptive control systems.
Tamper-proof calibrations.
DAC (with memory) substitute.
PIN CONFIGURATION
PDIP 14-Lead (L)
SOIC 14-Lead (W)
VDD 1
14 VREFH1
CLK 2
13 VREFH1
RDY/BSY
¯¯¯¯ 3
12 VOUT1
CS 4
11 VOUT2
DI 5
10 VREFL2
DO 6
8
VREFL1
PROG 7
8
GND
CAT522
DESCRIPTION
The CAT522 is a dual, 8-bit digitally-programmable
potentiometer (DPP™) configured for programmable
voltage and DAC-like applications. Intended for final
calibration of products such as camcorders, fax
machines and cellular telephones on automated high
volume production lines, it is also well suited for self-
calibrating systems and for applications where
equipment which requires periodic adjustment is either
difficult to access or in a hazardous environment.
The CAT522 offers two independently programmable
DPPs each having its own reference inputs and each
capable of rail to rail output swing. The wipers are
buffered by rail to rail opamps. Wiper settings, stored
in non-volatile NVRAM memory, are not lost when the
device is powered down and are automatically
reinstated when power is returned. Each wiper can
be dithered to test new output values without effecting
the stored settings and stored settings can be read
back without disturbing the DPP's output.
The CAT522 is controlled with a simple 3-wire,
microwire-like serial interface. A Chip Select pin
allows several devices to share a common serial
interface. Communication back to the host controller is
via a single serial data line thanks to the CAT522 Tri-
Stated Data Output pin. A RDY/BSY
¯¯¯¯ output working
in concert with an internal low voltage detector signals
proper operation of the non-volatile NVRAM memory
Erase/Write cycle.
The CAT522 is available in the 0°C to 70°C
commercial and -40°C to 85°C industrial operating
temperature ranges. Both 14-pin plastic DIP and
surface mount packages are available.


Similar Part No. - CAT522

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT522 CATALYST-CAT522 Datasheet
70Kb / 10P
8-Bit Dual Digital POT With Independent Reference Inputs
CAT522 CATALYST-CAT522 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT522 CATALYST-CAT522 Datasheet
85Kb / 11P
Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
More results

Similar Description - CAT522

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525_07 Datasheet
254Kb / 16P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com