Electronic Components Datasheet Search
  English  ▼

X  

CAT522 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor CAT522 Datasheet HTML 10Page - Catalyst Semiconductor CAT522 Datasheet HTML 11Page - Catalyst Semiconductor CAT522 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT522
Doc. No. MD-2004 Rev. F
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READING DATA
Each time data is transferred into a DPP control
register currently held data is shifted out via the D0
pin, thus in every data transaction a read cycle
occurs. Note, however, that the reading process is
destructive. Data must be removed from the register
in order to be read. Figure 2 depicts a Read Only
cycle in which no change occurs in the DPP’s output.
This feature allows µPs to poll DPPs for their current
setting without disturbing the output voltage but it
assumes that the setting being read is also stored in
non-volatile memory so that it can be restored at the
end of the read cycle. In Figure 2 CS returns low
before the 13th clock cycle completes. In doing so the
non-volatile memory setting is reloaded into the DPP
wiper control register. Since this value is the same as
that which had been there previously no change in the
DPP’s output is noticed. Had the value held in the
control register been different from that stored in non-
volatile memory then a change would occur at the
read cycle’s conclusion.
TEMPORARILY CHANGE OUTPUT
The CAT522 allows temporary changes in DPP’s
output to be made without disturbing the settings
retained in non-volatile memory. This feature is parti–
cularly useful when testing for a new output setting
and allows for user adjustment of preset or default
values without losing the original factory settings.
Figure 3 shows the control and data signals needed
to effect a temporary output change.
DPP wiper
settings may be changed as many times as required
and can be made to any of the two DPPs in any order
or sequence.
The temporary setting(s) remain in
effect long as CS remains high. When CS returns low
all two DPPs will return to the output values stored in
non-volatile memory.
When it is desired to save a new setting acquired
using this feature, the new value must be reloaded
into the DPP wiper control register prior to
programming. This is because the CAT522’s internal
control circuitry discards from the programming
register the new data two clock cycles after receiving
it if no PROG signal is received.
Figure 2. Reading from Memory
Figure 3. Temporary Change in Output
A0
A1
1
DO
DI
CS
PROG
DPP
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
o
CURRENT
DPP VALUE
NON-VOL ATILE
D0
D1
D2
D3
D4
D5
D6
D7
CURRENT DPP DATA
RDY/BSY
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DPP DATA
CURRENT DPP DATA
DO
DI
CS
PROG
DPP
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
CURRENT
DPP VALUE
NON-VOL ATILE
NEW
DPP VALUE
VOLATILE
CURRENT
DPP VALUE
NON-VOL ATILE
RDY/BSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com